Electronic Components Datasheet Search
  English  ▼

X  

PUMH7 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PUMH7
Description  NPN resistor-equipped double transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PUMH7 Datasheet(HTML) 1 Page - NXP Semiconductors

  PUMH7 Datasheet HTML 1Page - NXP Semiconductors PUMH7 Datasheet HTML 2Page - NXP Semiconductors PUMH7 Datasheet HTML 3Page - NXP Semiconductors PUMH7 Datasheet HTML 4Page - NXP Semiconductors PUMH7 Datasheet HTML 5Page - NXP Semiconductors PUMH7 Datasheet HTML 6Page - NXP Semiconductors PUMH7 Datasheet HTML 7Page - NXP Semiconductors PUMH7 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DATA SHEET
Product specification
Supersedes data of 1998 Jun 29
1999 Apr 22
DISCRETE SEMICONDUCTORS
PUMH7
NPN resistor-equipped double
transistor
ndbook, halfpage
MBD128


Similar Part No. - PUMH7

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PUMH7 PHILIPS-PUMH7 Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
PUMH7 NXP-PUMH7 Datasheet
137Kb / 8P
NPN/NPN resistor-equipped transistors; R1 = 4.7 k廓, R2 = open
2003 Oct 02
logo
Nexperia B.V. All right...
PUMH7 NEXPERIA-PUMH7 Datasheet
344Kb / 9P
NPN/NPN resistor-equipped transistors; R1 = 4.7 kΩ, R2 = open
2003 Oct 02
PUMH7 NEXPERIA-PUMH7 Datasheet
136Kb / 8P
PNP/PNP resistor-equipped transistors; R1 = 4.7 kΩ, R2 = open
2003 Oct 15
PUMH7 NEXPERIA-PUMH7 Datasheet
297Kb / 8P
NPN/PNP resistor-equipped transistors; R1 = 4.7 kΩ, R2 = open
2004 Apr 07
More results

Similar Description - PUMH7

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC114EK PHILIPS-PDTC114EK Datasheet
66Kb / 8P
NPN resistor-equipped transistor
1998 Nov 26
PDTC114TE PHILIPS-PDTC114TE Datasheet
58Kb / 8P
NPN resistor-equipped transistor
1998 Aug 03
PDTC114TU PHILIPS-PDTC114TU Datasheet
48Kb / 8P
NPN resistor-equipped transistor
1999 Apr 16
PUMB2 PHILIPS-PUMB2 Datasheet
53Kb / 8P
PNP resistor-equipped double transistor
1999 Aug 03
PUMH1 PHILIPS-PUMH1 Datasheet
52Kb / 8P
NPN resistor-equipped double transistor
1999 May 20
PUMH11 PHILIPS-PUMH11 Datasheet
52Kb / 8P
NPN resistor-equipped double transistor
1999 Apr 13
PUMH2 PHILIPS-PUMH2 Datasheet
53Kb / 8P
NPN resistor-equipped double transistor
1999 Aug 03
PUMH4 PHILIPS-PUMH4 Datasheet
47Kb / 8P
NPN resistor-equipped double transistor
1999 May 20
PUMH9 PHILIPS-PUMH9 Datasheet
69Kb / 8P
NPN resistor-equipped double transistor
1999 May 06
logo
Nexperia B.V. All right...
PEMH30 NEXPERIA-PEMH30 Datasheet
195Kb / 11P
NPN/NPN double resistor-equipped transistors;
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com