Electronic Components Datasheet Search
  English  ▼

X  

PUMH9 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PUMH9
Description  NPN resistor-equipped double transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PUMH9 Datasheet(HTML) 2 Page - NXP Semiconductors

  PUMH9 Datasheet HTML 1Page - NXP Semiconductors PUMH9 Datasheet HTML 2Page - NXP Semiconductors PUMH9 Datasheet HTML 3Page - NXP Semiconductors PUMH9 Datasheet HTML 4Page - NXP Semiconductors PUMH9 Datasheet HTML 5Page - NXP Semiconductors PUMH9 Datasheet HTML 6Page - NXP Semiconductors PUMH9 Datasheet HTML 7Page - NXP Semiconductors PUMH9 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1999 May 06
2
Philips Semiconductors
Product specification
NPN resistor-equipped double transistor
PUMH9
FEATURES
• Transistors with built-in bias resistors (R1 typ. 10 kΩ
and R2 typ. 47 k
Ω)
• No mutual interference between the transistors
• Simplification of circuit design
• Reduces number of components and board space.
APPLICATIONS
• Especially suitable for space reduction in interface and
driver circuits
• Inverter circuit configurations without use of external
resistors.
DESCRIPTION
NPN resistor-equipped double transistor in an SC-88
(SOT363) plastic package.
MARKING
PINNING
TYPE NUMBER
MARKING CODE
PUMH9
Ht9
PIN
DESCRIPTION
1, 4
emitter
TR1; TR2
2, 5
base
TR1; TR2
6, 3
collector
TR1; TR2
Fig.1 Simplified outline (SC-88) and symbol.
handbook, halfpage
MAM342
65
4
12
3
R2
TR1
TR2
R1
R1
R2
13
2
4
5
6
Top view
Fig.2 Equivalent inverter symbol.
MBK120
2, 5
6, 3
1, 4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com