Electronic Components Datasheet Search
  English  ▼

X  

MMA6262Q Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MMA6262Q
Description  짹1.5g Dual Axis Micromachined Accelerometer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6262Q Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MMA6262Q Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA6262Q Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA6262Q Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA6262Q Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA6262Q Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA6262Q Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA6262Q Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA6262Q Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA6262Q Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MMA6260Q
Sensors
Freescale Semiconductor
5
BASIC CONNECTIONS
Pinout Description
Figure 4. Pinout Description
Figure 5. Accelerometer with Recommended
Connection Diagram
PCB Layout
Figure 6. Recommend PCB Layout for Interfacing
Accelerometer to Microcontroller
NOTES:
1. Use 0.1 µF capacitor on VDD to decouple the power
source.
2. Physical coupling distance of the accelerometer to the
microcontroller should be minimal.
3. Flag underneath package is connected to ground.
4. Place a ground plane beneath the accelerometer to
reduce noise, the ground plane should be attached to
all of the open ended terminals shown in Figure 6.
5. Use an RC filter with 1.0 kΩ and 0.1 µF on the outputs
of the accelerometer to minimize clock noise (from the
switched capacitor filter circuit).
6. PCB layout of power and ground should not couple
power supply noise.
7. Accelerometer and microcontroller should not be a
high current path.
8. A/D sampling rate and any external power supply
switching frequency should be selected such that they
do not interfere with the internal accelerometer
sampling frequency (16 kHz for Low IDD and 52 kHz for
Standard IDD for the sampling frequency). This will
prevent aliasing errors.
9. PCB layout should not run traces or vias under the
QFN part. This could lead to ground shorting to the
accelerometer flag.
Pin No.
Pin
Name
Description
1, 5 – 7, 13, 16
N/C
No internal connection.
Leave unconnected.
14
YOUT
Output voltage of the accelerometer.
YDirection.
15
XOUT
Output voltage of the accelerometer.
XDirection.
3VDD
Power supply input.
4VSS
The power supply ground.
2, 8 – 11
N/C
Used for factory trim.
Leave unconnected.
12
ST
Logic input pin used to initiate
self-test.
Top View
15
16
14 13
12
11
10
1
2
3
4
56
7
8
9N/C
N/C
N/C
ST
NC
NC
VDD
VSS
MMA6260Q
Series
ST
VDD
VSS
0.1 µF
3
4
VDD
0.1 µF
14
0.1 µF
15
12
Logic
Input
XOUT
YOUT
1 kΩ
1 kΩ
X Output
Signal
Y Output
Signal
P0
A/D IN
VRH
VSS
VDD
ST
YOUT
VSS
VDD
0.1 µF
1 kΩ
0.1 µF
0.1 µF
Power Supply
0.1 µF
A/D IN
XOUT
0.1 µF
1 kΩ
C
C
C
R
R
C
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com