Electronic Components Datasheet Search
  English  ▼

X  

MMA6262Q Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MMA6262Q
Description  짹1.5g Dual Axis Micromachined Accelerometer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6262Q Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MMA6262Q Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA6262Q Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA6262Q Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA6262Q Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA6262Q Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA6262Q Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA6262Q Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA6262Q Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA6262Q Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Document Number: MMA6260Q
Rev 3, 10/2006
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2006. All rights reserved.
±1.5g Dual Axis
Micromachined Accelerometer
The MMA6200 series of low cost capacitive micromachined accelerometers
feature signal conditioning, a 1-pole low pass filter and temperature compensa-
tion. Zero-g offset full scale span and filter cut-off are factory set and require no
external devices. A full system self-test capability verifies system functionality.
Features
•
High Sensitivity
•
Low Noise
•
Low Power
•
2.7 V to 3.6 V Operation
•
6mm x 6mm x 1.98mm QFN
•
Integral Signal Conditioning with Low Pass Filter
•
Linear Output
•
Ratiometric Performance
•Self-Test
•
Robust Design, High Shocks Survivability
Typical Applications
•
Tilt Monitoring
•
Position & Motion Sensing
•
Freefall Detection
•
Impact Monitoring
•
Appliance Control
•
Vibration Monitoring and Recording
•
Smart Portable Electronics
ORDERING INFORMATION
Device Name
Bandwidth
Response
IDD
Case No.
Package
MMA6260Q
50 Hz
1.2 mA
1477-02
QFN-16, Tube
MMA6260QR2
50 Hz
1.2 mA
1477-02
QFN-16,Tape & Reel
MMA6261Q
300 Hz
1.2 mA
1477-02
QFN-16, Tube
MMA6261QR2
300 Hz
1.2 mA
1477-02
QFN-16,Tape & Reel
MMA6262Q
150 Hz
2.2 mA
1477-02
QFN-16,Tube
MMA6262QR2
150 Hz
2.2 mA
1477-02
QFN-16,Tape & Reel
MMA6263Q
900 Hz
2.2 mA
1477-02
QFN-16, Tube
MMA6263QR2
900 Hz
2.2 mA
1477-02
QFN-16,Tape & Reel
MMA6260Q
MMA6261Q
MMA6262Q
MMA6263Q
MMA6260Q Series: X-Y AXIS
SENSITIVITY MICROMACHINED
ACCELEROMETER
±1.5 g
16-LEAD
QFN
CASE 1477-02
Top View
Figure 1. Pin Connections
Bottom View
15
16
14 13
12
11
10
1
2
3
4
567
8
9N/C
N/C
N/C
ST
NC
NC
VDD
VSS


Similar Part No. - MMA6262Q

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMA6262Q MOTOROLA-MMA6262Q Datasheet
124Kb / 8P
짹1.5g Dual Axis Micromachined Accelerometer
logo
NXP Semiconductors
MMA6262Q NXP-MMA6262Q Datasheet
321Kb / 11P
짹1.5g Dual Axis Micromachined Accelerometer
Rev 3, 10/2006
logo
Motorola, Inc
MMA6262QR2 MOTOROLA-MMA6262QR2 Datasheet
124Kb / 8P
짹1.5g Dual Axis Micromachined Accelerometer
logo
NXP Semiconductors
MMA6262QR2 NXP-MMA6262QR2 Datasheet
321Kb / 11P
짹1.5g Dual Axis Micromachined Accelerometer
Rev 3, 10/2006
More results

Similar Description - MMA6262Q

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMA6260Q MOTOROLA-MMA6260Q Datasheet
124Kb / 8P
짹1.5g Dual Axis Micromachined Accelerometer
logo
Freescale Semiconductor...
MMA6280Q FREESCALE-MMA6280Q Datasheet
129Kb / 8P
짹1.5g - 6g Dual Axis Low-g Micromachined Accelerometer
MMA7360L FREESCALE-MMA7360L Datasheet
243Kb / 10P
짹1.5g-6g Three Axis Low-g Micromachined Accelerometer
MMA2260 FREESCALE-MMA2260 Datasheet
273Kb / 9P
짹1.5g X-Axis Micromachined Accelerometer
MMA7368L FREESCALE-MMA7368L Datasheet
158Kb / 11P
짹1.5g Three Axis Low-g Micromachined Accelerometer
KIT3376MMA7361L FREESCALE-KIT3376MMA7361L Datasheet
176Kb / 11P
짹1.5g, 짹6g Three Axis Low-g Micromachined Accelerometer
logo
NXP Semiconductors
MMA2260D NXP-MMA2260D Datasheet
305Kb / 9P
짹1.5g X-Axis Micromachined Accelerometer
Rev 3, 03/2006
MMA6260Q NXP-MMA6260Q Datasheet
321Kb / 11P
짹1.5g Dual Axis Micromachined Accelerometer
Rev 3, 10/2006
MMA7361L NXP-MMA7361L Datasheet
215Kb / 11P
짹1.5g, 짹6g Three Axis Low-g Micromachined Accelerometer
Rev 0, 04/2008
MMA7368L NXP-MMA7368L Datasheet
204Kb / 11P
짹1.5g Three Axis Low-g Micromachined Accelerometer
Rev 0, 05/2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com