| Electronic Components Datasheet Search |
|
OXCFU950 Datasheet(PDF) 45 Page - Oxford Semiconductor |
|
|
|||||||||||||||||||||||||||||
OXCFU950 Datasheet(HTML) 45 Page - Oxford Semiconductor |
|
45 / 74 page ![]() DS-0023 February 2007 External—Free Release Page 45 of 74 OXCFU950 DATA SHEET OXFORD SEMICONDUCTOR, INC. 8.3 Reset Configuration 8.3.1 Host Reset After a hardware reset or soft reset (bit 7 of COR register), all writable registers are reset to 0x00, with the following exceptions: 1. DLL—reset to 0x01. 2. CPR—reset to 0x20. The state of read-only registers following a hardware reset is as follows: RHR[7:0]: Indeterminate RFL[6:0]: 00000002 TFL[6:0]: 00000002 LSR[7:0]: 0x60 signifying that both the transmitter and the transmitter FIFO are empty MSR[3:0]: 00002 MSR[7:4]: Dependent on modem input lines DCD, RI, DSR and CTS respectively ISR[7:0]: 0x01, i.e. no interrupts are pending ASR[7:0]: 1xx000002 RFC[7:0]: 000000002 GDS[7:0]: 000000012 DMS[7:0]: 000000102 The reset state of output signals are tabulated below: Signal Reset state SOUT Inactive High RTS# Inactive High DTR# Inactive High Table 19: Output Signal Reset State 8.3.2 Software Reset An additional feature available in the 950 core is software resetting of the serial channel. The software reset is available using the CSR register. Software reset has the same effect as a hardware reset. To reset the UART, write 0x00 to the CSR. 8.4 Transmitter & Receiver FIFOs The transmitter and receiver holding registers (FIFOs), are referred to as THR and RHR respectively. In normal operation, when the transmitter finishes transmitting a byte it removes the next data from the top of the THR and transmits it. If the THR is empty, it waits until data is written into it. If THR is empty and the last character transmission is complete (i.e. the transmitter shift register is empty) the transmitter is said to be idle. Similarly, when the receiver finishes receiving a byte, it transfers it to the bottom of the RHR. If the RHR is full, an overrun condition occurs (see section 8.5.3). Data is written into the bottom of the THR queue and read from the top of the RHR queue completely asynchronously to the operation of the transmitter and receiver. FIFO size depends on the setting of the FiCR register. In byte mode, FIFOs only accept one byte at a time before indicating that they are full; this is compatible with the 16C450. In a FIFO mode, the size of the FIFOs is either 16 (compatible with the 16C550) or 128. Data written to the THR when it is full is lost. Data read from the RHR when it is empty is invalid. The empty or full status of the FIFOs is indicated in LSR (see section 8.5.3). Interrupts can be generated or DMA signals can be used to transfer data to/from the FIFOs. The number of items in each FIFO may also be read back from the transmitter FIFO level (TFL) and receiver FIFO level (RFL) registers (see section 8.11.2). 8.4.1 4-Byte Access to THR & RHR As with the OX16C95x UARTs, the OXCFU950 THR and RHR registers can be accessed via the standard 550 compatible register space. See Table 13. In the OXCFU950, the THR and RHR registers can also be accessed at four contiguous locations in the OXCFU950 specific register locations. See Table 16. Note: the same RHR data is read irrespective of which of the four byte locations are read. Similarly, writing to any of the additional THR locations has the same effect as writing to any other—all four locations provide duplicate addresses to the same THR or RHR register. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |