| Electronic Components Datasheet Search |
|
OXCFU950 Datasheet(PDF) 59 Page - Oxford Semiconductor |
|
|
|||||||||||||||||||||||||||||
OXCFU950 Datasheet(HTML) 59 Page - Oxford Semiconductor |
|
59 / 74 page ![]() DS-0023 February 2007 External—Free Release Page 59 of 74 OXCFU950 DATA SHEET OXFORD SEMICONDUCTOR, INC. 8.11.5 Receiver Interrupt. Trigger Level—RTL The RTL register is located at offset 0x05 of the ICR Whenever 950 trigger levels are enabled (ACR[5]=1), bits 6 and 7 of FiCR are ignored and an alternative arbitrary receiver interrupt trigger level can be defined in the RTL register. This 7-bit value provides a fully programmable receiver interrupt trigger facility as opposed to the limited trigger levels available in 16C654 and 16C750 devices. It enables the system designer to optimize the interrupt performance hence minimizing the interrupt overhead. In 950 mode, a priority level 2 interrupt occurs indicating that the receiver data is available when the interrupt is not masked (IER[0]=1) and the receiver FIFO level reaches the value stored in this register. 8.11.6 Flow Control Levels—FCL & FCH The FCL and FCH registers are located at offsets 0x06 and 0x07 of the ICR respectively Enhanced software flow control using Xon/Xoff and hardware flow control using RTS#/CTS# and DTR#/DSR# are available when 950 mode trigger levels are enabled (ACR[5]=1). Improved flow control threshold levels are offered using Flow Control Lower trigger level (FCL) and Flow Control Higher trigger level (FCH) registers to provide a greater degree of flexibility when optimizing the flow control performance. Generally, these facilities are only available in enhanced mode. In 650 mode, in-band flow control is enabled using the EFR register. An Xoff character is transmitted when the receiver FIFO exceeds the upper trigger level defined by FiCR[7:6] as described in section 8.4.2. An Xon is then sent when the FIFO is read down to the lower fill level. The flow control is enabled and the appropriate mode selected using EFR[3:0]. In 950 mode, the flow control thresholds defined by FiCR[7:6] are ignored. In this mode threshold levels are programmed using FCL and FCH. When in-band flow control is enabled (defined by EFR[3:0]) and the RFL) reaches the value programmed in the FCH register, an Xoff is transmitted to stop the flow of serial data. The flow is resumed when the receiver FIFO fill level falls to below the value programmed in the FCL register, at which point an Xon character is sent. The FCL value of 0x00 is illegal. For example if FCL and FCH contain 64 and 100 respectively, Xoff is transmitted when the receiver FIFO contains 100 characters, and Xon is transmitted when sufficient characters are read from the receiver FIFO such that 63 characters remain. CTS/RTS and DSR/DTR out-of-band flow control use the same trigger levels as in-band flow control. When out-of- band flow control is enabled, RTS# (or DTR#) line is de- asserted when the receiver FIFO level reaches the upper limit defined in the FCH and is re-asserted when the receiver FIFO is drained below the lower limit defined in FCL. When 950 trigger levels are enabled (ACR[5]=1), the CTS# flow control functions as in 650 mode and is configured by EFR[7]. However, when EFR[6] is set, RTS# is automatically de-asserted when RFL reaches FCH and re-asserted when RFL drops below FCL. DSR# flow control is configured with ACR[2]. DTR# flow control is configured with ACR[4:3]. 8.11.7 Device Identification Registers The identification registers is located at offsets 0x08 to 0x0B of the ICR The 950 offers four bytes of device identification. The device identification registers may be read using offset values 0x08 to 0x0B of the Indexed Control Register. Registers ID1, ID2 and ID3 identify the device as an OX16C950 type and return 0x16, 0xC9 and 0x50 respectively. The REV register resides at offset 0x0B of ICR and identifies the revision of CFU950 UART core. This register returns 0x11 for the OXCFU950. 8.11.8 Nine-bit Mode Register—NMR The NMR register is located at offset 0x0D of the ICR The 950 offers 9-bit data framing for industrial multi-drop applications. 9-bit mode is enabled by setting bit 0 of the nine-bit mode register (NMR). In 9-bit mode the data length setting in LCR[1:0] is ignored. Furthermore as parity is permanently disabled, the setting of LCR[5:3] is also ignored. The receiver stores the 9th bit of the received data in LSR[2] (where parity error is stored in normal mode). Note that the 950 provides a 128-deep FIFO for LSR[3:1]. The transmitter FIFO is 9-bit wide and 128 deep. The user should write the 9th (MSB) data bit in SPR[0] first and then write the other 8 bits to THR. As parity mode is disabled, LSR[7] is set whenever there is an overrun, framing error or received break condition. It is unaffected by the contents of LSR[2] (Now the received 9th data bit). In 9-bit mode, in-band flow control is disabled regardless of the setting of EFR[3:0] and the Xon1/Xon2/Xoff1 and Xoff2 registers are used for special character detection. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |