Electronic Components Datasheet Search
  English  ▼

X  

MPC8260A Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part # MPC8260A
Description  PowerQUICC??II Integrated Communications Processor Hardware Specifications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8260A Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button MPC8260A Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8260A Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8260A Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8260A Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8260A Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8260A Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8260A Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8260A Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8260A Datasheet HTML 52Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 48 / 52 page
background image
MPC8260A PowerQUICC™ II Integrated Communications Processor Hardware Specifications, Rev. 1.1
48
Freescale Semiconductor
Ordering Information
6
Ordering Information
Figure 16 provides an example of the Freescale part numbering nomenclature for the MPC826xA. In
addition to the processor frequency, the part numbering scheme also consists of a part modifier that
indicates any enhancement(s) in the part from the original production design. Each part number also
contains a revision code that refers to the die mask revision number and is specified in the part numbering
scheme for identification purposes only. For more information, contact your local Freescale sales office.
Figure 16. Freescale Part Number Key
7
Document Revision History
Table 23 lists significant changes in each revision of this document.
Table 23. Document Revision History
Revision
Date
Substantive Changes
0
—
Initial version
0.1
8/2001
• Table 8: Change to sp20/sp21.
0.2
11/2001
• Revision of Table 5, “Power Dissipation”
• Modifications to Figure 9, Table 2,Table 10, Table 11, and Table 18
• Modification to pinout diagram, Figure 13
• Additional revisions to text and figures throughout
Product Code
Device Number
Process Technology
Package
ZU = 480 TBGA
Processor Frequency
Die Revision Level
MPC 826X A
(None = 0.29 micron
C ZU XXX
(CPU/CPM/Bus)
X
A = 0.25 micron)
Temperature Range
(Blank = 0 to 105 °C
C = -40 to 105 °C
VR = 516 PBGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com