Electronic Components Datasheet Search
  English  ▼

X  

MPC8260A Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MPC8260A
Description  PowerQUICC??II Integrated Communications Processor Hardware Specifications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8260A Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MPC8260A Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8260A Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8260A Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8260A Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8260A Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8260A Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8260A Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8260A Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8260A Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
MPC8260A PowerQUICC™ II Integrated Communications Processor Hardware Specifications, Rev. 1.1
12
Freescale Semiconductor
Electrical and Thermal Characteristics
2.2
Thermal Characteristics
Table 4 describes thermal characteristics.
2.3
Power Considerations
The average chip-junction temperature, TJ, in °C can be obtained from the following:
TJ = TA + (PD x θJA)
(1)
where
TA = ambient temperature °C
θ
JA = package thermal resistance, junction to ambient, °C/W
PD = PINT + PI/O
PINT = IDD x VDD Watts (chip internal power)
PI/O = power dissipation on input and output pins (determined by user)
For most applications PI/O < 0.3 x PINT. If PI/O is neglected, an approximate relationship between PD and
TJ is the following:
Notes:
1. The default configuration of the CPM pins (PA[0–31], PB[4–31], PC[0–31], PD[4–31]) is input. To prevent
excessive DC current, it is recommended to either pull unused pins to GND or VDDH, or to configure them as
outputs.
2. The leakage current is measured for nominal VDD, VCCSYN, and VDD.
3. MPC8265 and MPC8266 only.
Table 4. Thermal Characteristics for 480 TBGA Package
Characteristics
Symbol
Value
Unit
Air Flow
Junction to ambient
θJA
13(1)
Notes:
1. Assumes a single layer board with no thermal vias
°C/W
NC(2)
2. Natural convection
101
1 m/s
11(3)
3. Assumes a four layer board
NC
83
1 m/s
Junction to board(4)
4. Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature
is measured on the top surface of the board near the package.
θJB
4
°C/W
—
Junction to case(5)
5. Thermal resistance between the die and the case top surface as measured by the cold plate method (MIL
SPEC-883 Method 1012.1).
θJC
1.1
°C/W
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com