Electronic Components Datasheet Search
  English  ▼

X  

MPC855TZQ80D4 Datasheet(PDF) 63 Page - Freescale Semiconductor, Inc

Part # MPC855TZQ80D4
Description  Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC855TZQ80D4 Datasheet(HTML) 63 Page - Freescale Semiconductor, Inc

Back Button MPC855TZQ80D4 Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC855TZQ80D4 Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC855TZQ80D4 Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC855TZQ80D4 Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC855TZQ80D4 Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC855TZQ80D4 Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC855TZQ80D4 Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC855TZQ80D4 Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC855TZQ80D4 Datasheet HTML 67Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 80 page
background image
MPC860 Family Hardware Specifications, Rev. 7
Freescale Semiconductor
63
CPM Electrical Characteristics
Figure 65. SPI Master (CP = 1) Timing Diagram
11.11SPI Slave AC Electrical Specifications
Table 25 provides the SPI slave timings as shown in Figure 66 and Figure 67.
Table 25. SPI Slave Timing
Num
Characteristic
All Frequencies
Unit
Min
Max
170
Slave cycle time
2
—
tcyc
171
Slave enable lead time
15
—
ns
172
Slave enable lag time
15
—
ns
173
Slave clock (SPICLK) high or low time
1
—
tcyc
174
Slave sequential transfer delay (does not require deselect)
1
—
tcyc
175
Slave data setup time (inputs)
20
—
ns
176
Slave data hold time (inputs)
20
—
ns
177
Slave access time
—
50
ns
SPIMOSI
(Output)
SPICLK
(CI=0)
(Output)
SPICLK
(CI=1)
(Output)
SPIMISO
(Input)
Data
166
167
161
161
160
msb
lsb
msb
msb
Data
lsb
msb
167
166
163
166
167
165
164
162



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com