Electronic Components Datasheet Search
  English  ▼

X  

MPC855TZQ80D4 Datasheet(PDF) 67 Page - Freescale Semiconductor, Inc

Part # MPC855TZQ80D4
Description  Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC855TZQ80D4 Datasheet(HTML) 67 Page - Freescale Semiconductor, Inc

Back Button MPC855TZQ80D4 Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC855TZQ80D4 Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC855TZQ80D4 Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC855TZQ80D4 Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC855TZQ80D4 Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC855TZQ80D4 Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC855TZQ80D4 Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC855TZQ80D4 Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC855TZQ80D4 Datasheet HTML 71Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 80 page
background image
MPC860 Family Hardware Specifications, Rev. 7
Freescale Semiconductor
67
UTOPIA AC Electrical Specifications
12 UTOPIA AC Electrical Specifications
Table 28 shows the AC electrical specifications for the UTOPIA interface.
Figure 69 shows signal timings during UTOPIA receive operations.
Figure 69. UTOPIA Receive Timing
Figure 70 shows signal timings during UTOPIA transmit operations.
Table 28. UTOPIA AC Electrical Specifications
Num
Signal Characteristic
Direction
Min
Max
Unit
U1
UtpClk rise/fall time (Internal clock option)
Output
—
3.5
ns
Duty cycle
50
50
%
Frequency
—
50
MHz
U1a
UtpClk rise/fall time (external clock option)
Input
—
3.5
ns
Duty cycle
40
60
%
Frequency
—
50
MHz
U2
RxEnb and TxEnb active delay
Output
2
16
ns
U3
UTPB, SOC, Rxclav and Txclav setup time
Input
8
—
ns
U4
UTPB, SOC, Rxclav and Txclav hold time
Input
1
—
ns
U5
UTPB, SOC active delay (and PHREQ and PHSEL active delay
in MPHY mode)
Output
2
16
ns
UtpClk
UTPB
RxEnb
U1
3
2
SOC
4
RxClav
PHREQn
3
4
HighZ at MPHY
HighZ at MPHY
U1
U5
U3
U4
U4
U3
U2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com