Electronic Components Datasheet Search
  English  ▼

X  

P600A. Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # P600A.
Description  6A Power Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

P600A. Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  P600A. Datasheet HTML 1Page - List of Unclassifed Manufacturers P600A. Datasheet HTML 2Page - List of Unclassifed Manufacturers P600A. Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
6A Power Diodes
P600 Series
Page <2>
24/04/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
Rating and Characteristic Curves
Percent of Rated Peak Reverse Voltage
Fig. 1-Typical Reverse Characteristics
Ambient Temperature (TA) - °C
Fig. 2-Forward Derating Curve
t, Pulse Duration, s
Fig. 3-Typical Transient Thermal Impedance
Instantaneous Forward
Voltage, Volts
Fig. 4-Typical Instantaneous
Forward Characteristics
Number of Cycles at 60 Hz
Fig. 5-Maximum Overload Surge Current



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com