Electronic Components Datasheet Search
  English  ▼

X  

P600A. Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # P600A.
Description  6A Power Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

P600A. Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  P600A. Datasheet HTML 1Page - List of Unclassifed Manufacturers P600A. Datasheet HTML 2Page - List of Unclassifed Manufacturers P600A. Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
6A Power Diodes
P600 Series
Page <1>
24/04/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
Features:
• High surge current capability
• Void-free plastic in a P600 package
• High current operation 6 Amperes at TA = 55°C
• Exceeds environmental standards of
MIL-S-19500/228
Dimensions : Inches (Millimetres)
Mechanical Data
Case
: Moulded plastic, P600
Terminals
: Axial leads, solderable per MIL-STD-202, Method 208
Polarity
: Colour band denotes cathode
Mounting Position
: Any
Weight
: 2.1 g
P600
Maximum Ratings and Electrical Characteristics
At TA = 25°C unless otherwise specified. Single phase, half-wave, 60 Hz, resistive or inductive load
All values except maximum RMS voltage are registered JEDEC parameters
Notes
1. Peak forward surge current, per 8.3 ms single half-sine-wave superimposed on rated load (JEDEC method)
2. Thermal resistance from junction to ambient and from junction to lead at 0.375 inches (9.5 mm) lead length PCB mounted with 1.1
× 1.1 inches (30 × 30 mm) copper pads
3. Measured at 1 MHz and applied reverse voltage of 4 volts
P600A
P600D
P600G
P600K
P600M
Units
Maximum Recurrent Peak Reverse Voltage
50
200
400
800
1,000
V
Maximum RMS Voltage
35
140
280
560
700
Maximum dc Blocking Voltage
50
200
400
800
1,000
Maximum Average Forward Rectified Current TA = 55°C
6
A
Maximum Overload Surge Current at 1 Cycle (Note 1)
400
Maximum Forward Voltage at 6 A dc
1
V
Maximum dc Reverse Current at TA = 25°C
10
µA
Rated dc Blocking Voltage at TA = 100°C
1
mA dc
Typical Junction Capacitance (Note 3) CJ
150
pF
Typical Thermal Resistance (Note 2) R
θJA
Typical Thermal Resistance (Note 2) R
θJL
20
4
°C / W
Operating Temperature Range
-55 to 150
°C
Storage Temperature Range
Standard Axial Rectifiers


Similar Part No. - P600A.

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
P600A. MULTICOMP-P600A. Datasheet
167Kb / 3P
6A Power Diodes P600 Series
24/04/12 V1.1
More results

Similar Description - P600A.

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RHRD660 FAIRCHILD-RHRD660 Datasheet
374Kb / 5P
6A, 600V Hyperfast Diodes
RURD660 FAIRCHILD-RURD660 Datasheet
392Kb / 5P
6A, 600V Ultrafast Diodes
logo
Intersil Corporation
RHRD6120 INTERSIL-RHRD6120 Datasheet
76Kb / 4P
6A, 1200V Hyperfast Diodes
January 2000
RHRD660 INTERSIL-RHRD660 Datasheet
71Kb / 4P
6A, 600V Hyperfast Diodes
January 2000
RURD6120 INTERSIL-RURD6120 Datasheet
80Kb / 4P
6A, 1200V Ultrafast Diodes
January 2000
RURD620 INTERSIL-RURD620 Datasheet
50Kb / 4P
6A, 200V Ultrafast Diodes
January 2000
RURD660 INTERSIL-RURD660 Datasheet
85Kb / 4P
6A, 600V Ultrafast Diodes
January 2000
logo
List of Unclassifed Man...
P600 ETC2-P600 Datasheet
236Kb / 5P
6A Power Diodes
logo
Fairchild Semiconductor
RHRD660S9A FAIRCHILD-RHRD660S9A_11 Datasheet
844Kb / 5P
6A, 600V Hyperfast Diodes
RHRD660S9A_F085 FAIRCHILD-RHRD660S9A_F085 Datasheet
553Kb / 5P
6A, 600V Hyperfast Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com