Electronic Components Datasheet Search
  English  ▼

X  

PZM-N Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PZM-N
Description  Voltage regulator diodes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PZM-N Datasheet(HTML) 2 Page - NXP Semiconductors

  PZM-N Datasheet HTML 1Page - NXP Semiconductors PZM-N Datasheet HTML 2Page - NXP Semiconductors PZM-N Datasheet HTML 3Page - NXP Semiconductors PZM-N Datasheet HTML 4Page - NXP Semiconductors PZM-N Datasheet HTML 5Page - NXP Semiconductors PZM-N Datasheet HTML 6Page - NXP Semiconductors PZM-N Datasheet HTML 7Page - NXP Semiconductors PZM-N Datasheet HTML 8Page - NXP Semiconductors PZM-N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1999 Jan 28
2
Philips Semiconductors
Product specification
Voltage regulator diodes
PZM-N series
FEATURES
• Total power dissipation:
max. 300 mW
• Small plastic package suitable for
surface mounted design
• Wide working voltage range:
nom. 2.4 to 75 V (E24 range).
APPLICATIONS
• General regulation functions.
DESCRIPTION
Low power general purpose voltage
regulator diode in a SOT346 (SC59)
plastic package, suitable for surface
mounted design.
PINNING
PIN
DESCRIPTION
1
anode
2
not connected
3
cathode
Fig.1 Simplified outline (SOT346; SC59) and symbol.
handbook, halfpage
MAM378
Top view
2
1
3
2
n.c.
1
3
MARKING
TYPE
NUMBER
MARKING CODE
TYPE
NUMBER
MARKING CODE
B
B1
B2
B3
B
B1
B2
B3
PZM2.4N
2V4
−−−
PZM15N
15V
151
152
153
PZM2.7N
2V7
271
272
−
PZM16N
16V
161
162
163
PZM3.0N
3V0
301
302
−
PZM18N
18V
181
182
183
PZM3.3N
3V3
331
332
−
PZM20N
20V
201
202
203
PZM3.6N
3V6
361
362
−
PZM22N
22V
221
222
223
PZM3.9N
3V9
391
392
−
PZM24N
24V
241
242
243
PZM4.3N
4V3
431
432
433
PZM27N
27V
−−−
PZM4.7N
4V7
471
472
473
PZM30N
30V
−−−
PZM5.1N
5V1
511
512
513
PZM33N
33V
−−−
PZM5.6N
5V6
561
562
563
PZM36N
36V
−−−
PZM6.2N
6V2
621
622
623
PZM39N
39V
−−−
PZM6.8N
6V8
681
682
683
PZM43N
43V
−−−
PZM7.5N
7V5
751
752
753
PZM47N
47V
−−−
PZM8.2N
8V2
821
822
823
PZM51N
51V
−−−
PZM9.1N
9V1
911
912
913
PZM56N
56V
−−−
PZM10N
10V
101
102
103
PZM62N
62V
−−−
PZM11N
11V
111
112
113
PZM68N
68V
−−−
PZM12N
12V
121
122
123
PZM75N
75V
−−−
PZM13N
13V
131
132
133
−
−−−−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com