Electronic Components Datasheet Search
  English  ▼

X  

AAM3203 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AAM3203
Description  ULTRA LOW POWER, DUAL-SPDT CMOS ANALOG SWITCHES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AAM3203 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AAM3203 Datasheet HTML 1Page - List of Unclassifed Manufacturers AAM3203 Datasheet HTML 2Page - List of Unclassifed Manufacturers AAM3203 Datasheet HTML 3Page - List of Unclassifed Manufacturers AAM3203 Datasheet HTML 4Page - List of Unclassifed Manufacturers AAM3203 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
aAM3202 / aAM3203
- 2 -
© Andigilog, Inc. 2004
www.andigilog.com
April 2004 – 70A04011
Absolute Maximum Ratings
1
NOTES:
1.
Absolute maximum ratings are limits beyond
which operation may cause permanent
damage to the device. These are stress
ratings only; functional operations at or above
these limits is not implied.
2.
Human Body Model: 100pF capacitor
discharged through a 1.5k
Ω resistor into each
pin. Machine Model: 200pF capacitor
discharged directly into each pin.
3.
These specifications are guaranteed only for
the test conditions listed.
Recommended Operating Ratings
Symbol
Parameter
Min
Max
Units
VDD
Supply Voltage
+1.8
+6
V
VNO, VNC, VCOM
Analog Signal Level
0
VDD
V
TA
Operating Temperature Range
-40
+85
°C
DC Electrical Characteristics (Digital section)
3
Limits apply for -40°C≤TA≤+85°C and VDD=+5.0V unless otherwise noted.
Parameter
Symbol
Conditions
Min
Max
Units
Min Hi-Level Input
Voltage
VIH
-40°C
≤TA≤+85°C
VDD=+2.7V
VDD=+4.5V
2.0V
2.4V
V
Max Low-Level
Input Voltage
VIL
-40°C
≤TA≤+85°C
VDD=+2.7V
VDD=+4.5V
0.4V
0.8V
V
Digital Input
Leakage
IIN
VADD & VEN = 0V or +5.5V
VDD = +5.5V
TA=+25°C
TA=-40°C to+85°C
-0.1
-1.0
0.1
1.0
μA
Digital Input Power
OFF Leakage
IOFF
VADD & VEN = 0V or +5.5V
VDD = 0V
TA=+25°C
TA=-40°C to+85°C
-0.1
-1.0
0.1
1.0
μA
DC Electrical Characteristics (Analog Section)
3
Limits apply for -40°C≤TA≤+85°C and VDD=+5.0V unless otherwise noted.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
INO = -10mA
VCOM = 0V to +5V
TA=+25°C
TA=-40°C to+85°C
2
4
Ω
ON-Resistance
RON
INO = -10mA
VCOM = 0V to +3V
TA=+25°C
TA=-40°C to+85°C
4
7
Ω
INO = -10MA, VDD=+4.5V
VCOM = 0 to VDD
TA=+25°C
TA=-40°C to+85°C
0.1
0.4
Ω
ON-Resistance
channel matching
∆RON
INO = -10MA, VDD=+2.7V
VCOM = 0 to VDD
TA=+25°C
TA=-40°C to+85°C
0.1
0.4
Ω
INO = -10mA, VDD=+5V
VCOM = +1V, +2.5V, +4V
TA=+25°C
TA=-40°C to+85°C
0.5
1.2
Ω
ON-Resistance
Flatness
RFLAT
INO = -10mA, VDD=3V
VCOM = +.6V, +1.5V, +2.4V
TA=+25°C
TA=-40°C to+85°C
1.5
2.5
Ω
Supply Current
IDD
VDD=+3.3V or +5.5V,
VADD & VEN = 0V
TA=+25°C
TA=-40°C to+85°C
0.1
1
μA
Parameter
Rating
Supply Voltage
+7V
Analog Input/Output Voltage
-0.5V to VDD + 0.5V
IN1/IN2 Input Voltage
-0.5V to +7V
Continuous Current, any terminal
50mA
Storage Temperature Range
-60
°C to +150°C
Lead Soldering Temperature
260
°C
Human Body Model
2000V
ESD
2
Machine Model
250V
Thermal Resistance - θJA
TBD
Lead Temperature
260
°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com