Electronic Components Datasheet Search
  English  ▼

X  

AAM3203 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AAM3203
Description  ULTRA LOW POWER, DUAL-SPDT CMOS ANALOG SWITCHES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AAM3203 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AAM3203 Datasheet HTML 1Page - List of Unclassifed Manufacturers AAM3203 Datasheet HTML 2Page - List of Unclassifed Manufacturers AAM3203 Datasheet HTML 3Page - List of Unclassifed Manufacturers AAM3203 Datasheet HTML 4Page - List of Unclassifed Manufacturers AAM3203 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
aAM3202 / aAM3203
- 3 -
© Andigilog, Inc. 2004
www.andigilog.com
April 2004 – 70A04011
Dynamic Electrical Characteristics
3
Limits apply for -40°C≤TA≤+85°C and VDD=+5.0V unless otherwise noted.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
VDD = +5V, VNO = 3V
CL=35pF, RL=300Ω
TA=+25°C
TA=-40°C to+85°C
12
16
ns
Turn-On Time
tON(EN)
VDD = +3V, VNO = 2V
CL=35pF, RL=300Ω
TA=+25°C
TA=-40°C to+85°C
14
20
ns
VDD = +5V, VNO = 3V
CL=35pF, RL=300Ω
TA=+25°C
TA=-40°C to+85°C
5
8
ns
Turn-Off Time
tOFF(EN)
VDD = +3V, VNO = 2V
CL=35pF, RL=300Ω
TA=+25°C
TA=-40°C to+85°C
6
10
ns
VDD = +5V, VNO = 3V
CL=35pF, RL=300Ω
TA=+25°C
TA=-40°C to+85°C
1
7
ns
Break-Before-
Make Interval
tOPEN
VDD = +3V, VNO = 2V
CL=35pF, RL=300Ω
TA=+25°C
TA=-40°C to+85°C
1
7
ns
Logic Input Cap.
CIN
f = 1MHz
TA=+25°C, f = 1MHz
8
pF
NO-off, NC-off-ch
Cap.
CNO(OFF)
f = 1MHz; VEN=VNO=0V
TA=+25°C, f = 1MHz
8
pF
COM-On-ch Cap
CCOM(ON)
VEN = +2.4V; VCOM = 0V
TA=+25°C, f = 1MHz
32
pF
Test Circuits / Timing Diagrams
Figure 1. Switching Time
Figure 2. Break-Before-Make Interval
NC
50
IN
GND
COM
aAM3202/03
NO
VDD
V
DD
300
35pF
VCOM
VCOM
VIN
50%
50%
90%
90%
t
R = tF <5nS
LOGIC
INPUT
SWITCH
OUTPUT
0V
0V
tON
tOFF
V
IH
V
NO
VIN
VNO
NC
50
IN
GND
COM
aAM3202/03
NO
VDD
V
DD
300
35pF
VCOM
VCOM
VIN
50%
50%
90%
90%
t
R = tF <5nS
LOGIC
INPUT
SWITCH
OUTPUT
0V
0V
tON
tOFF
V
IH
V
NO
VIN
VNO
IN
50
NO, NC
GND
COM
aAM3202/03
VDD
V
DD
300
35pF
VCOM
VCOM
VIN
50%
90%
t
R = tF <5nS
LOGIC
INPUT
MUX
OUTPUT
0V
0V
tOPEN
V
IH
V
DD
VNO
90%
VIN
IN
50
NO, NC
GND
COM
aAM3202/03
VDD
V
DD
300
35pF
VCOM
VCOM
VIN
50%
90%
t
R = tF <5nS
LOGIC
INPUT
MUX
OUTPUT
0V
0V
tOPEN
V
IH
V
DD
VNO
90%
VIN



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com