Electronic Components Datasheet Search
  English  ▼

X  

SA1620 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SA1620
Description  Low voltage GSM front-end transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA1620 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SA1620 Datasheet HTML 4Page - NXP Semiconductors SA1620 Datasheet HTML 5Page - NXP Semiconductors SA1620 Datasheet HTML 6Page - NXP Semiconductors SA1620 Datasheet HTML 7Page - NXP Semiconductors SA1620 Datasheet HTML 8Page - NXP Semiconductors SA1620 Datasheet HTML 9Page - NXP Semiconductors SA1620 Datasheet HTML 10Page - NXP Semiconductors SA1620 Datasheet HTML 11Page - NXP Semiconductors SA1620 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Philips Semiconductors
Product specification
SA1620
Low voltage GSM front-end transceiver
1997 May 22
8
AC ELECTRICAL CHARACTERISTICS
VCCXX = +3V, TA = 25°C; RF = 940MHZ; IF=400MHz, fLO=RF + IF; LO = –15dBm; unless otherwise stated.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS1
UNITS
SYMBOL
PARAMETER
TEST CONDITIONS
MIN1
-3
σ
TYP
3
σ
MAX1
UNITS
Low Noise Amplifier LNA12
G1hi mode
9.4
10
10.6
S
Gain
G1hi mode, RF = 1800MHz
–2.5
dB
S21
G1lo mode
–13
–12
–11
dB
IP3
G1lo mode
28
∆S /∆T
Gain temperature sensitivity
G1hi mode
0.003
dB/
°C
∆S21/∆T
Gain temperature sensitivity
G1lo mode
0.0140
dB/
°C
∆S21/
∆VCCL1
Gain/voltage sensitivity
0.1
dB/V
∆S21/∆f
Gain frequency variation
0.01
dB/MHz
S12
Reverse isolation
G1hi mode
–19
dB
S11
Input match3
50
Ω
–11
dB
S22
Output match3
50
Ω
–14
dB
P-1dB
Input 1dB gain compression
G1hi mode
–15.5
–14
–12.5
dBm
IIP3
Input third order intercept
–5.5
–4
–2.5
dBm
IIP3/
∆t
Input third order intercept
0.011
dB/
°C
NF
Noise figure
1.9
dB
tON
Turn-on time
7
µs
tOFF
Turn-off time
0.5
µs
Low Noise Amplifier LNA22
G2hi mode
9
10
11
dB
G2hi mode, RF = 1800MHz
–1.5
dB
Gain
G2lo1 mode
–8.5
–7.5
–6.5
S
G2lo2 mode
–22.5
–21.5
–20.5
S21
G2lo3 mode
–30
–28.5
–27
dB
G2lo1 mode
18
dB
IP3
G2lo2 mode
20
G2lo3 mode
25
∆S /∆T
Gain temperature sensitivity
G2hi mode
0.003
dB/
°C
∆S21/∆T
Gain temperature sensitivity
G2lo1,2,3 modes
0.014
dB/
°C
∆S21/
∆VCCL2
Gain/voltage sensitivity
0.1
dB/V
∆S21/∆f
Gain frequency variation
0.01
dB/MHz
S12
Reverse isolation
G2hi mode
–24
dB
S11
Input match3
50
Ω
–13
dB
S22
Output match3
50
Ω
–15
dB
P-1dB
Input 1dB gain compression
G2hi mode
–18
–16
–14
dBm
IIP3
Input third order intercept
–8
–6
–4
dBm
IIP3/
∆t
Input third order intercept
0.019
dB/
°C
NF
Noise figure
2
dB
tON
Turn-on time
7
µs
tOFF
Turn-off time
0.5
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com