Electronic Components Datasheet Search
  English  ▼

X  

SA1620 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SA1620
Description  Low voltage GSM front-end transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA1620 Datasheet(HTML) 2 Page - NXP Semiconductors

  SA1620 Datasheet HTML 1Page - NXP Semiconductors SA1620 Datasheet HTML 2Page - NXP Semiconductors SA1620 Datasheet HTML 3Page - NXP Semiconductors SA1620 Datasheet HTML 4Page - NXP Semiconductors SA1620 Datasheet HTML 5Page - NXP Semiconductors SA1620 Datasheet HTML 6Page - NXP Semiconductors SA1620 Datasheet HTML 7Page - NXP Semiconductors SA1620 Datasheet HTML 8Page - NXP Semiconductors SA1620 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Philips Semiconductors
Product specification
SA1620
Low voltage GSM front-end transceiver
2
1997 May 22
853-1784 18066
DESCRIPTION
The SA1620 is a combined receive (Rx) and transmit (Tx) front-end
for GSM cellular telephones. The receive path contains two low
noise amplifiers (LNA1 and LNA2) with four switchable attenuation
steps. A Gilbert Cell mixer in the receive path down-converts the
RF signal to a first IF of 70 to 500 MHz. A second Gilbert Cell in the
transmit path transposes a GMSK or phase modulated IF to RF by
image reject mixing and has a fixed IF of 400 MHz. A buffered LO
signal is fed to Rx and Tx mixers. Rx or Tx path or the entire circuit
may be powered-down.
FEATURES
• Excellent noise figure: <2dB for the LNAs at 950MHz
• LNAs matched to 50Ω with external matching components
• LNAs with gain control, 59dB dynamic range in four discrete steps
• LNA gain stability ±0.5dB within -40 to 85°C
• Feedthrough attenuation LNA1 to Rx mixer ≥ 35dB
• Tx power adjustable from -3 to +12dBm by external resistor
• Direct supply: 2.7V to 5.5V
• Battery supply voltage V
BATT = 3.3V to 7.5V or direct supply
• Two DC regulators programmable for 3.0V, 3.4V, 3.7V or 5.1V
• Low current consumption: 28mA for Rx or 59mA for Tx
• Fully compatible with SA1638 GSM IF Digital I/Q circuit
APPLICATIONS
• 900MHz front end for GSM hand-held units
• Portable radio, TDMA systems
PIN CONFIGURATION
LQFP Package
VBATT
PON
GNDREG1
VREG1
VREGF2
VREG2
GNDREG2
CON1
LO INX
LO IN
VCCL2
IN2
GNDL2
GNDL2A
OUT2
B
A
INM
INMX
COMP2
48–PIN LQFP
45
46
47
48
1
2
3
4
5
6
7
13 14
15 16 17 18 19
25
26
27
28
29
30
42
43
44
31
32
33
34
35
36
20
21 22 23 24
8
9
10
11
12
39
40
41
37
38
COMP1
VCCBM
CON2
GNDTx2
SR00127
Figure 1.
Pin Configuration
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
48-Pin Thin Quad Flat Pack (TQFP)
-40 to +85
°C
SA1620BE
SOT313-2
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
RATING
UNITS
VCCXX
Supply voltages
2.7 to 5.5
V
VBATT
Battery voltage
3.3 to 7.5
V
TA
Operating ambient temperature range
-40 to +85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com