Electronic Components Datasheet Search
  English  ▼

X  

MB95F136MS Datasheet(PDF) 4 Page - fujitsu semiconductor

Part # MB95F136MS
Description  8-bit Proprietary Microcontrollers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95F136MS Datasheet(HTML) 4 Page - fujitsu semiconductor

  MB95F136MS Datasheet HTML 1Page - fujitsu semiconductor MB95F136MS Datasheet HTML 2Page - fujitsu semiconductor MB95F136MS Datasheet HTML 3Page - fujitsu semiconductor MB95F136MS Datasheet HTML 4Page - fujitsu semiconductor MB95F136MS Datasheet HTML 5Page - fujitsu semiconductor MB95F136MS Datasheet HTML 6Page - fujitsu semiconductor MB95F136MS Datasheet HTML 7Page - fujitsu semiconductor MB95F136MS Datasheet HTML 8Page - fujitsu semiconductor MB95F136MS Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 63 page
background image
MB95130M Series
4
■ PRODUCT LINEUP
(Continued)
Part number
Parameter
MB95136M
MB95F133MS
MB95F134MS
MB95F136MS
MB95F133NS
MB95F134NS
MB95F136NS
MB95F133MW
MB95F134MW
MB95F136MW
MB95F133NW
MB95F134NW
MB95F136NW
MB95F133JS
MB95F134JS
MB95F136JS
MB95F133JW
MB95F134JW
MB95F136JW
Type
MASK ROM
product
Flash memory product
ROM capacity*1
32 Kbytes (Max)
RAM capacity*1
1 Kbyte (Max)
Reset output
Yes
No
Clock
system
Selectable
Single/Dual
clock*3
Single clock
Dual clock
Single clock
Dual clock
Low voltage
detection
reset
Yes/No
No
Yes
No
Yes
Yes
Clock
supervisor
No
Yes
CPU functions
Number of basic instructions
: 136
Instruction bit length
: 8 bits
Instruction length
: 1 to 3 bytes
Data bit length
: 1, 8, and 16 bits
Minimum instruction execution time
: 61.5 ns (at machine clock frequency 16.25 MHz)
Interrupt processing time
: 0.6
µs (at machine clock frequency 16.25 MHz)
General-
purpose
I/O port
• Single clock product : 20 ports
• Dual clock product : 18 ports
Programmable input voltage levels of port :
Automotive input level
/ CMOS input level / hysteresis input level
Timebase
timer
Interrupt cycle : 0.5 ms, 2.1 ms, 8.2 ms, 32.8 ms (at main oscillation clock 4 MHz)
Watchdog
timer
Reset generated cycle
At main oscillation clock 10 MHz
: Min 105 ms
At sub oscillation clock 32.768 kHz (for dual clock product) : Min 250 ms
Wild register Capable of replacing 3 bytes of ROM data
UART/SIO
Data transfer capable in UART/SIO
Full duplex double buffer, Variable data length (5/6/7/8-bit), built-in baud rate generator
NRZ type transfer format, error detected function
LSB-first or MSB-first can be selected.
Clock asynchronous (UART) or clock synchronous (SIO) serial data transfer capable
LIN-UART
Dedicated reload timer allowing a wide range of communication speeds to be set.
Full duplex double buffer.
Clock asynchronous (UART) or clock synchronous (SIO) serial data transfer capable
LIN functions available as the LIN master or LIN slave.
8/10-bit
A/D
converter
(8 channels)
8-bit or 10-bit resolution can be selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com