Electronic Components Datasheet Search
  English  ▼

X  

MB95F136MS Datasheet(PDF) 15 Page - fujitsu semiconductor

Part # MB95F136MS
Description  8-bit Proprietary Microcontrollers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95F136MS Datasheet(HTML) 15 Page - fujitsu semiconductor

Back Button MB95F136MS Datasheet HTML 11Page - fujitsu semiconductor MB95F136MS Datasheet HTML 12Page - fujitsu semiconductor MB95F136MS Datasheet HTML 13Page - fujitsu semiconductor MB95F136MS Datasheet HTML 14Page - fujitsu semiconductor MB95F136MS Datasheet HTML 15Page - fujitsu semiconductor MB95F136MS Datasheet HTML 16Page - fujitsu semiconductor MB95F136MS Datasheet HTML 17Page - fujitsu semiconductor MB95F136MS Datasheet HTML 18Page - fujitsu semiconductor MB95F136MS Datasheet HTML 19Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 63 page
background image
MB95130M Series
15
■ PROGRAMMING FLASH MEMORY MICROCONTROLLERS USING PARALLEL PROGRAMMER
• Supported parallel programmers and adapters
The following table lists supported parallel programmers and adapters.
Note : For information about applicable adapter models and parallel programmers, contact the following:
Flash Support Group, Inc. TEL:
+81-53-428-8380
• Sector configuration
The following table shows sector-specific addresses for data access by CPU and by the parallel programmer.
• Programming method
1) Set the type code of the parallel programmer to "17237".
2) Load program data to programmer addresses 78000H to 7FFFFH.
3) Write data with the parallel programmer.
• Programming method
1) Set the type code of the parallel programmer to "17237".
2) Load program data to programmer addresses 7C000H to 7FFFFH.
3) Write data with the parallel programmer.
Package
Applicable adapter model
Parallel programmers
FPT-28P-M17
TEF110-95F136HSPF
AF9708(Ver 02.35G or greater)
AF9709/B(Ver 02.35G or greater)
*: Programmer addresses are corresponding to CPU addresses, used when the parallel programmer
programs data into Flash memory.
These programmer addresses are used for the parallel programmer to program or erase data in
Flash memory.
Flash memory
CPU address
Programmer address*
32 Kbytes
8000H
18000H
FFFFH
1FFFFH
• MB95F136MS/F136NS/F136MW/F136NW/F136JS/F136JW (32 Kbytes)
*: Programmer addresses are corresponding to CPU addresses, used when the parallel programmer
programs data into Flash memory.
These programmer addresses are used for the parallel programmer to program or erase data in
Flash memory.
Flash memory
CPU address
Programmer address*
16 Kbytes
C000H
1C000H
FFFFH
1FFFFH
• MB95F134MS/F134NS/F134JS/F134MW/F134NW/F134JW (16 Kbytes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com