Electronic Components Datasheet Search
  English  ▼

X  

SA1638 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # SA1638
Description  Low voltage IF I/Q transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA1638 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SA1638 Datasheet HTML 17Page - NXP Semiconductors SA1638 Datasheet HTML 18Page - NXP Semiconductors SA1638 Datasheet HTML 19Page - NXP Semiconductors SA1638 Datasheet HTML 20Page - NXP Semiconductors SA1638 Datasheet HTML 21Page - NXP Semiconductors SA1638 Datasheet HTML 22Page - NXP Semiconductors SA1638 Datasheet HTML 23Page - NXP Semiconductors SA1638 Datasheet HTML 24Page - NXP Semiconductors SA1638 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Philips Semiconductors
Product specification
SA1638
Low voltage IF I/Q transceiver
1997 Sept 03
21
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Receiver Corrected Output Offset Voltage
vs. Temperature and VCCTxRx
5.5V
4.0V
3.0V
2.7V
DCRes Resistor=100k
Temperature (
°C)
-50 -40
-30
-20 -10
0
10
20
30
40
50
60
70
80
90
200
150
100
50
0
-50
-100
-150
-200
Receiver In–band 1dB Compression Point
vs. Temperature and VCCTxRx
2.7V
5.5V
3.0V
4.0V
Temperature (
°C)
-50 -40
-30
-20 -10
0
10
20
30
40
50
60
70
80
90
-47.0
-49.0
-51.0
-53.0
-55.0
-57.0
-59.0
SA1638 Receiver QRXOUT Voltage
3V
5.5V
4V
2.7V
-50
0
50
100
TEMPERATURE (
°C)
1.8
1.7
1.6
1.5
1.4
Reference Voltage
5.5V
4V
3V
2.7V
-50
0
50
100
TEMPERATURE (
°C)
1.8
1.7
1.6
1.5
1.45
1.75
1.65
1.55
LOIN Maximum Frequency Div800
5.5V
2.7V
3V
4V
-50
0
50
100
TEMPERATURE (
°C)
1100
1050
1000
950
900
2.7V
3V
4V
5.5V
Temperature (
°C)
-50 -40
-30
-20 -10
0
10
20
30
40
50
60
70
80
90
Receiver IP2 vs Temperature and Supply Voltage
5.00
4.00
3.00
2.00
1.00
0
-1.00
-2.00
-3.00
-4.00
-5.00
VLOIN = 100mVPEAK
Figure 14. Typical Performance Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com