Electronic Components Datasheet Search
  English  ▼

X  

IRF7821 Datasheet(PDF) 3 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRF7821
Description  30V N-Channel MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

IRF7821 Datasheet(HTML) 3 Page - EVER SEMICONDUCTOR CO.,LIMITED

  IRF7821 Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7821 Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7821 Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7821 Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7821 Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7821 Datasheet HTML 6Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7821 Datasheet HTML 7Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7821 Datasheet HTML 8Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7821 Datasheet HTML 9Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
2.0
3.0
4.0
5.0
6.0
VGS, Gate-to-Source Voltage (V)
0.1
1.0
10.0
100.0
TJ = 25°C
TJ = 150°C
VDS = 15V
20µs PULSE WIDTH
-60 -40 -20
0
20 40 60 80 100 120 140 160
TJ , Junction Temperature (°C)
0.5
1.0
1.5
2.0
ID = 13A
VGS = 10V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
2.5V
20µs PULSE WIDTH
Tj = 25°C
VGS
TOP
10V
4.5V
3.7V
3.5V
3.3V
3.0V
2.7V
BOTTOM 2.5V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
2.5V
20µs PULSE WIDTH
Tj = 150°C
VGS
TOP
10V
4.5V
3.7V
3.5V
3.3V
3.0V
2.7V
BOTTOM 2.5V
IRF7821
30V N-Channel MOSFET
Rev:2023A2
3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com