Electronic Components Datasheet Search
  English  ▼

X  

IRF7821 Datasheet(PDF) 5 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRF7821
Description  30V N-Channel MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

IRF7821 Datasheet(HTML) 5 Page - EVER SEMICONDUCTOR CO.,LIMITED

  IRF7821 Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7821 Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7821 Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7821 Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7821 Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7821 Datasheet HTML 6Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7821 Datasheet HTML 7Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7821 Datasheet HTML 8Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7821 Datasheet HTML 9Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
Fig 9. Maximum Drain Current Vs.
Case Temperature
Fig 10. Threshold Voltage Vs. Temperature
-75
-50
-25
0
25
50
75
100 125 150
TJ , Temperature ( °C )
1.0
1.4
1.8
2.2
2.6
ID = 250µA
1E-006
1E-005
0.0001
0.001
0.01
0.1
1
10
100
t1 , Rectangular Pulse Duration (sec)
0.01
0.1
1
10
100
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
25
50
75
100
125
150
TJ , Junction Temperature (°C)
0
2
4
6
8
10
12
14
IRF7821
30V N-Channel MOSFET
Rev:2023A2
5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com