Electronic Components Datasheet Search
  English  ▼

X  

BAS16J Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BAS16J
Description  Single high-speed switching diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAS16J Datasheet(HTML) 4 Page - NXP Semiconductors

  BAS16J Datasheet HTML 1Page - NXP Semiconductors BAS16J Datasheet HTML 2Page - NXP Semiconductors BAS16J Datasheet HTML 3Page - NXP Semiconductors BAS16J Datasheet HTML 4Page - NXP Semiconductors BAS16J Datasheet HTML 5Page - NXP Semiconductors BAS16J Datasheet HTML 6Page - NXP Semiconductors BAS16J Datasheet HTML 7Page - NXP Semiconductors BAS16J Datasheet HTML 8Page - NXP Semiconductors BAS16J Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
BAS16J_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 8 March 2007
4 of 10
NXP Semiconductors
BAS16J
Single high-speed switching diode
7.
Characteristics
[1]
Pulse test: tp ≤ 300 µs; δ≤ 0.02.
[2]
When switched from IF = 10 mA to IR = 10 mA; RL = 100 Ω; measured at IR = 1 mA.
[3]
When switched from IF = 10 mA; tr =20ns.
Table 7.
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VF
forward voltage
[1]
IF = 1 mA
-
-
715
mV
IF = 10 mA
-
-
855
mV
IF =50mA
-
-
1
V
IF = 150 mA
-
-
1.25
V
IR
reverse current
VR =25V
-
-
30
nA
VR =75V
-
-
1
µA
VR =25V; Tj = 150 °C-
-
30
µA
VR =75V; Tj = 150 °C-
-
50
µA
Cd
diode capacitance
VR = 0 V; f = 1 MHz
-
-
1.5
pF
trr
reverse recovery time
[2] --
4
ns
VFR
forward recovery voltage
[3] -
-
1.75
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com