Electronic Components Datasheet Search
  English  ▼

X  

BAS16J Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BAS16J
Description  Single high-speed switching diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAS16J Datasheet(HTML) 5 Page - NXP Semiconductors

  BAS16J Datasheet HTML 1Page - NXP Semiconductors BAS16J Datasheet HTML 2Page - NXP Semiconductors BAS16J Datasheet HTML 3Page - NXP Semiconductors BAS16J Datasheet HTML 4Page - NXP Semiconductors BAS16J Datasheet HTML 5Page - NXP Semiconductors BAS16J Datasheet HTML 6Page - NXP Semiconductors BAS16J Datasheet HTML 7Page - NXP Semiconductors BAS16J Datasheet HTML 8Page - NXP Semiconductors BAS16J Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
BAS16J_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 8 March 2007
5 of 10
NXP Semiconductors
BAS16J
Single high-speed switching diode
(1) Tamb = 150 °C; typical values
(2) Tamb =25 °C; typical values
(3) Tamb =25 °C; maximum values
Based on square wave currents.
Tj =25 °C; prior to surge
Fig 1.
Forward current as a function of forward
voltage
Fig 2.
Non-repetitive peak forward current as a
function of pulse duration; maximum values
(1) VR = 75 V; maximum values
(2) VR = 75 V; typical values
(3) VR = 25 V; typical values
f = 1 MHz; Tamb =25 °C
Fig 3.
Reverse current as a function of junction
temperature
Fig 4.
Diode capacitance as a function of reverse
voltage; typical values
02
300
IF
(mA)
0
100
200
mbg382
1
VF (V)
(1)
(2)
(3)
006aaa308
tp (ms)
10−2
10
1
10−1
10
IFSM
(A)
1
105
104
10
200
0
mga884
100
Tj (°C)
IR
(nA)
103
102
(2)
(1)
(3)
08
16
12
4
0.8
0.6
0
0.4
0.2
mbg446
VR (V)
Cd
(pF)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com