Electronic Components Datasheet Search
  English  ▼

X  

BAS16VV Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BAS16VV
Description  Triple high-speed switching diodes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAS16VV Datasheet(HTML) 3 Page - NXP Semiconductors

  BAS16VV Datasheet HTML 1Page - NXP Semiconductors BAS16VV Datasheet HTML 2Page - NXP Semiconductors BAS16VV Datasheet HTML 3Page - NXP Semiconductors BAS16VV Datasheet HTML 4Page - NXP Semiconductors BAS16VV Datasheet HTML 5Page - NXP Semiconductors BAS16VV Datasheet HTML 6Page - NXP Semiconductors BAS16VV Datasheet HTML 7Page - NXP Semiconductors BAS16VV Datasheet HTML 8Page - NXP Semiconductors BAS16VV Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
BAS16VV_BAS16VY_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 20 April 2007
3 of 12
NXP Semiconductors
BAS16VV; BAS16VY
Triple high-speed switching diodes
5.
Limiting values
[1]
Tj =25 °C prior to surge.
[2]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
[3]
Soldering points at pins 4, 5 and 6.
6.
Thermal characteristics
[1]
Reflow soldering is the only recommended soldering method.
[2]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[3]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for cathode 1 cm2.
[4]
Soldering points at pins 4, 5 and 6.
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per diode
VRRM
repetitive peak reverse voltage
-
100
V
VR
reverse voltage
-
100
V
IF
forward current
-
200
mA
IFRM
repetitive peak forward current
-
450
mA
IFSM
non-repetitive peak forward
current
square wave
[1]
tp =1 µs
-
4.5
A
tp =1ms
-
1
A
tp = 1 s
-
0.5
A
Ptot
total power dissipation
BAS16VV
Tamb ≤ 25 °C
[2] -
180
mW
BAS16VY
Tsp =85 °C
[3] -
250
mW
Per device
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−65
+150
°C
Tstg
storage temperature
−65
+150
°C
Table 7.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1]
BAS16VV
[2] -
-
700
K/W
[3] -
-
410
K/W
Rth(j-sp)
thermal resistance from
junction to solder point
BAS16VY
[4] -
-
260
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com