Electronic Components Datasheet Search
  English  ▼

X  

SA2410 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SA2410
Description  2.45GHz RF power amplifier and T/R switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA2410 Datasheet(HTML) 2 Page - NXP Semiconductors

  SA2410 Datasheet HTML 1Page - NXP Semiconductors SA2410 Datasheet HTML 2Page - NXP Semiconductors SA2410 Datasheet HTML 3Page - NXP Semiconductors SA2410 Datasheet HTML 4Page - NXP Semiconductors SA2410 Datasheet HTML 5Page - NXP Semiconductors SA2410 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Philips Semiconductors
Preliminary specification
SA2410
2.45GHz RF power amplifier and T/R switch
2
1997 Sep 09
DESCRIPTION
The SA2410 is a GaAs monolithic power amplifier with an integrated
T/R switch designed to meet requirements for 802.11 (WLAN). The
SA2410 uses an on–chip 4 GHz oscillator to generate the negative
bias, thus eliminating the need for a negative supply. It operates
from 3V to 5.5V and consumes 125 mA with an output power of 18.5
dB (typ). It is suitable for other 2.45 GHz ISM band applications.
FEATURES
• V
CC=3V–5.5V
• No negative bias needed
• I
CC=125mA (typ) @ 3.3V
• P
OUT=18.5 dB(typ)
IM3<–30dBc
IM5<–50dBc
• Gain=29dB (typ)
• Attenuation range=16dB (typ)
• LQFP–32 package
APPLICATIONS
• 802.11 WLAN
• 2.4–2.5 GHz ISM BAND
SR01422
VD4
VD3
GND
VGC1
VGC2
GND
GND
GND
GND
GND
VGPA
VNEG
1
2
3
4
5
6
7
10
11
12
13
14
19
16
8
GND
SWOUT1
9
31
30
29
28
2
26
25
32
24
23
26
21
20
19
18
17
GND
PAOUT
Figure 1.
Pin Configuration
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
32–Pin Plastic Thin Quad Flat Package
–40
° C+85°C
SA2410
SOT401–1
GENERAL SPECIFICATIONS
Symbol
Parameter
Condition
Min
Typ
Max
Unit
T
Temperature
–40
+85
C
VCC
Supply V
3
5.5
V
ICC
Supply I
3.3 volts
125
mA
Power Amplifier
fRF
Frequency Range
2.4
2.5
GHz
IM3
IM3 2 tones
30
dBc
IM5
IM5 2 tones
50
dBc
Ton
Transmit power on
Including neg. supply
2
µs
Toff
Xmit power down
2
µs
Gain
Small signal gain
29
dB
Pout
Output power
IM3=30dBc
IM5=50dBc
125mA@3.3 volts
17.5
18.5
dBm
Eff.
Efficiency
25
%
∆ Gt1
Gain variation with temp
–40 to +85
°C
"3.5
dB
∆ Gt2
Gain variation with temp
0–70
°C
"2.0
dB
∆ Gr
Ripple
2.45
"0.05 GHz
"1
dB
∆ Gvd
Gain variation with supply
3.3 volts
"0.3 V
0.5
dB



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com