Electronic Components Datasheet Search
  English  ▼

X  

SA2410 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SA2410
Description  2.45GHz RF power amplifier and T/R switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA2410 Datasheet(HTML) 4 Page - NXP Semiconductors

  SA2410 Datasheet HTML 1Page - NXP Semiconductors SA2410 Datasheet HTML 2Page - NXP Semiconductors SA2410 Datasheet HTML 3Page - NXP Semiconductors SA2410 Datasheet HTML 4Page - NXP Semiconductors SA2410 Datasheet HTML 5Page - NXP Semiconductors SA2410 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Philips Semiconductors
Preliminary specification
SA2410
2.45GHz RF power amplifier and T/R switch
1997 Sep 09
4
LQFP32:
plastic low profile quad flat package; 32 leads; body 5 x 5 x 1.4 mm
SOT401-1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com