Electronic Components Datasheet Search
  English  ▼

X  

SA2420 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SA2420
Description  Low voltage RF transceiver . 2.45GHz
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA2420 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SA2420 Datasheet HTML 4Page - NXP Semiconductors SA2420 Datasheet HTML 5Page - NXP Semiconductors SA2420 Datasheet HTML 6Page - NXP Semiconductors SA2420 Datasheet HTML 7Page - NXP Semiconductors SA2420 Datasheet HTML 8Page - NXP Semiconductors SA2420 Datasheet HTML 9Page - NXP Semiconductors SA2420 Datasheet HTML 10Page - NXP Semiconductors SA2420 Datasheet HTML 11Page - NXP Semiconductors SA2420 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Philips Semiconductors
Product specification
SA2420
Low voltage RF transceiver — 2.45 GHz
1997 May 23
8
SR01462
VOLTS (V)
23
4
2.0
2.4
2.6
2.8
3.0
5
NF
GAIN
2.2
6
13
15
16
17
18
14
T = 25
°C
Figure 7.
LNA Gain & 50
W NF VS Supply Voltage
SR01463
FREQUENCY (GHz)
2.400
2.425
2.450
–14.0
–13.2
–12.8
–12.4
–12.0
2.475
LOSS
S12
–13.6
2.500
–27.0
–25.4
–24.6
–23.8
–23.0
–26.2
T = 25
°C
Vcc = 3V
Figure 8.
LNA Loss Mode & S12 VS Frequency
SR01464
VOLTS (V)
23
4
–20
–15
–10
–5
0
5
P–1dB
IP3
6
T = 25
°C
Figure 9.
LNA Input IP3 and P–1dB VS Supply Voltage
SR01465
FREQUENCY (GHz)
2.400
2.425
2.450
–20
–15
–10
–5
0
2.475
P–1dB
IP3
2.500
Vcc = 3V
T = 25
°C
Figure 10.
LNA Input IP3 and P–1dB VS Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com