Electronic Components Datasheet Search
  English  ▼

X  

SA2420 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SA2420
Description  Low voltage RF transceiver . 2.45GHz
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA2420 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SA2420 Datasheet HTML 5Page - NXP Semiconductors SA2420 Datasheet HTML 6Page - NXP Semiconductors SA2420 Datasheet HTML 7Page - NXP Semiconductors SA2420 Datasheet HTML 8Page - NXP Semiconductors SA2420 Datasheet HTML 9Page - NXP Semiconductors SA2420 Datasheet HTML 10Page - NXP Semiconductors SA2420 Datasheet HTML 11Page - NXP Semiconductors SA2420 Datasheet HTML 12Page - NXP Semiconductors SA2420 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Philips Semiconductors
Product specification
SA2420
Low voltage RF transceiver — 2.45 GHz
1997 May 23
9
SR01466
VOLTS (V)
23
4
0
5
10
15
20
5
P–1dB
IP3
6
T = 25
°C
Figure 11.
LNA Loss Mode Input IP3 and P–1dB VS Voltage
SR01467
TEMPERATURE (
°C)
–50
0
9.0
10.6
11.4
11.8
50
NF
GAIN
100
7.0
8.2
8.6
7.4
11.0
10.2
9.8
9.4
7.8
9.0
9.4
9.8
VCC = 3V
Figure 12.
Rx Mixer Conv. Gain & SSB NF VS Temperature
SR01468
VOLT (V)
23
4
10.5
10.9
11.1
11.3
11.5
5
NF
GAIN
10.7
6
8.0
8.8
9.2
9.6
10.0
8.4
T = 25
°C
Figure 13.
Rx Mixer Conv. Gain & SSB NF VS Supply Voltage
SR01469
VOLTS (V)
23
4
–10
–5
0
5
5
P–1dB
IP3
6
T = 25
°C
Figure 14.
Rx Mixer Input IP3 and P–1dB VS Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com