Electronic Components Datasheet Search
  English  ▼

X  

PL75-7 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # PL75-7
Description  RF interconnect products
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PL75-7 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button PL75-7 Datasheet HTML 6Page - List of Unclassifed Manufacturers PL75-7 Datasheet HTML 7Page - List of Unclassifed Manufacturers PL75-7 Datasheet HTML 8Page - List of Unclassifed Manufacturers PL75-7 Datasheet HTML 9Page - List of Unclassifed Manufacturers PL75-7 Datasheet HTML 10Page - List of Unclassifed Manufacturers PL75-7 Datasheet HTML 11Page - List of Unclassifed Manufacturers PL75-7 Datasheet HTML 12Page - List of Unclassifed Manufacturers PL75-7 Datasheet HTML 13Page - List of Unclassifed Manufacturers PL75-7 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 141 page
background image
R
Trompeter Products Catalog - T21 Military/Aerospace
ISO 9001
Registered
(800) 982-2629
Fax: (818) 706-1040
www.trompeter.com
10
3-lug
BJ79C-
2-lug
BJ79CTL-
4-lug
BJ79CFL-
Threaded
BJ379C-
For polarizations, contact the factory.
Mounting Hole: D3.109
3-lug
BJ78
2-lug
BJ78TL
4-lug
BJ78FL
Feed-Thru Bulkhead JackThreaded
BJ378
(Hermetically sealed version available, pg.13)
Mounting Hole: D3.187
Bulkhead Jack
Rear Mount, Solder Pot
3-lug
BJ76
2-lug
BJ76TL
4-lug
BJ76FL
Threaded
BJ376*
Mounting Holes: D3.240 w/o solder lug/D3.208 w/ solder lug
(* Hermetically sealed version avail. pg.13)
3-lug
BJ75
2-lug
BJ75TL
Insulated
4-lug
BJ75FL
Bulkhead Jack
Threaded
BJ375
Rear Mount, Solder Pot
Mounting Hole: D2.140
3-lug
BJ73
2-lug
BJ73TL
4-lug
BJ73FL
Insulated
Threaded
BJ373
Feed-Thru Jack
Mounting Hole: D2.140
3-lug
BJ74-
Insulated Bulkhead
2-lug
BJ74TL-
Cable Jack
4-lug
BJ74FL-
Wrench Crimp
Threaded
BJ374-
Mounting Hole: D2.140
3-lug
BJ72
2-lug
BJ72TL
Insulated
4-lug
BJ72FL
Bulkhead Jack
Threaded
BJ372
Front Mount
Mounting Hole: D2.140
Miniature bulkhead jacks 70/370 series, trb/trt
3-lug
BJ74C-
2-lug
BJ74CTL-
4-lug
BJ74CFL-
Threaded
BJ374C-
Mounting Hole: D2.140
Insulated Bulkhead
Cable Jack
Tool Crimp
BJ73 Shown
BJ72 Shown
BJ74C-202
Shown
BJ75 Shown
BJ76 Shown
BJ378 Shown
3-lug
BJ79-
2-lug
BJ79TL-
Bulkhead Cable Jack
4-lug
BJ79FL
-
Wrench Crimp
Threaded
BJ379-
Mounting Hole: D3.160
BJ379-7 Shown
3-lug
BJ770
BJ770GL
2-lug
BJ77TL
4-lug
BJ77FL
Threaded
BJ377
(Hermetically sealed version available, pg.13)
Mounting Hole: D4.125
Bulkhead Jack
Front Mount, Solder Pot
Bulkhead Cable Jack
Tool Crimp
- See cable group table on pages 91-133. "D" mounting holes see page 54. For polarizations, contact the factory.
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
BJ74-9 Shown
BJ377 Shown
Ground tab
BJ79C Shown
.500 HEX NUT
.4375-28UNEF-2A TYP
SOLDER POT ACCEPTS
.036 DIA CONDUCTOR
.562
DIA
.380
DIA
.487
1.122
.062
.600 DIA
.892
.730
DIA
.4375-28UNEF-2A TYP
.562 HEX NUT
.500-28UNEF-2A
.775
1.290
.750
DIA
.062 DIA
.500-28UNEF-2A
.625 HEX NUT
ACCEPTS .036 DIA
CONDUCTOR
1.065
.687
DIA
.840
1.312
.110
.500 WRENCH FLATS
.625-24 UNEF-2A
.750 HEX NUT
1.314
.775
.866
.414
MIN
.096
.437 HEX
.414
MIN
.625-24UNEF-2A
.750 HEX NUT
1.290
.414
MIN
.090
.800
DIA
.030
COLOR
BAND
1.146
.625 HEX NUT
.500-28UNEF-2A
.687 DIA
SHRINKABLE SEALING SLEEVE(LONG)
SHRINKABLE
STRAIN RELIEF
(CLEAR, 175°C)
1.80 MAX
1.314
.687 DIA
.437
HEX
.500-28UNEF-2A
.437 WRENCH FLATS
.625 HEX NUT
.722
.096
.800
.4375-28UNEF-2A
.090
.750 HEX NUT
.625-24UNEF-2A
ACCEPTS
.041 DIA CONDUCTOR
.800
DIA
1.365
.865
.414
MIN
.750 HEX NUT
.625-24UNEF-2A
.414
MIN
1.416
1.800
.030
.800
DIA
SHRINKABLE
STRAIN RELIEF
(CLEAR, 175°C)
SHRINKABLE SEALING SLEEVE (LONG)
.515
ACCEPTS
.036 DIA
CONDUCTOR
.625-24UNEF-2A
.750 HEX NUT
1.365
.090
.414
MIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com