Electronic Components Datasheet Search
  English  ▼

X  

PL75-60 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # PL75-60
Description  RF interconnect products
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PL75-60 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button PL75-60 Datasheet HTML 24Page - List of Unclassifed Manufacturers PL75-60 Datasheet HTML 25Page - List of Unclassifed Manufacturers PL75-60 Datasheet HTML 26Page - List of Unclassifed Manufacturers PL75-60 Datasheet HTML 27Page - List of Unclassifed Manufacturers PL75-60 Datasheet HTML 28Page - List of Unclassifed Manufacturers PL75-60 Datasheet HTML 29Page - List of Unclassifed Manufacturers PL75-60 Datasheet HTML 30Page - List of Unclassifed Manufacturers PL75-60 Datasheet HTML 31Page - List of Unclassifed Manufacturers PL75-60 Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 141 page
background image
R
Trompeter Products Catalog - T21 Military/Aerospace
ISO 9001
Registered
(800) 982-2629
Fax: (818) 706-1040
www.trompeter.com
28
Circuit Board Jack
Straight, 4-leg
75Ω
UCBJ20F
Coax 20/220 series circuit board jacks
Circuit Board Jacks...
Trompeter manufacturers a wide selection of circuit board
jacks, Shown below are the most commonly requested designs.
For custom designs, contact the factory or fill out the Custom
Products Request Form on page 135 and fax it to us.
Circuit Board Jack
Straight, 3-leg
50Ω
CBJ20
Circuit Board Jack
Straight, 4-leg
50Ω
CBJ22
.380
DIA
TYP
.722
.156 TYP
.188 TYP
.047 DIA
.062 DIA
4 HOLES
.380
DIA
TYP
.722
.156 TYP
Ø.062 DIA
3 HOLES
Ø.047 DIA
Ø.340
DIA BC
120° TYP
.591
TYP
.500
TYP
(.850)
.013
TYP
.043 DIA
4 PLACES
.090
.560
.200
TYP
.045 DIA
.055
.047 DIA
5 HOLES
.502
.498
TYP
Coax BNC Surface Mount
Compliant Tail & Mount Legs
Straight
75Ω
105-1829
Leg Length to Accommodate
.090 - .130 Board
.500
TYP
.591
TYP
.418
TYP
Ø.097
THRU
2 PLCS
.845
MAX
.012
.560
.110
.175
Coax BNC Surface Mount
45 Degree with Compliant
Tail Contact & mount Legs
75Ω
105-2033
(.844)
TYP
.163
TYP
.688
TYP
.500
.500
2 COMPLIANT
PINS IN FLANGE
IN CENTER CONTACT
Ø.077 THRU
2 PLACES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com