Electronic Components Datasheet Search
  English  ▼

X  

PL75-60 Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # PL75-60
Description  RF interconnect products
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PL75-60 Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button PL75-60 Datasheet HTML 28Page - List of Unclassifed Manufacturers PL75-60 Datasheet HTML 29Page - List of Unclassifed Manufacturers PL75-60 Datasheet HTML 30Page - List of Unclassifed Manufacturers PL75-60 Datasheet HTML 31Page - List of Unclassifed Manufacturers PL75-60 Datasheet HTML 32Page - List of Unclassifed Manufacturers PL75-60 Datasheet HTML 33Page - List of Unclassifed Manufacturers PL75-60 Datasheet HTML 34Page - List of Unclassifed Manufacturers PL75-60 Datasheet HTML 35Page - List of Unclassifed Manufacturers PL75-60 Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 141 page
background image
R
Trompeter Products Catalog - T21 Military/Aerospace
ISO 9001
Registered
(800) 982-2629
Fax: (818) 706-1040
www.trompeter.com
32
Circuit Board Bulkhead Mounting
Mini-WECo Patch Jack
75Ω Right Angle
CBBJR12
B = .24
Long Leg Version
CBBJR12A
B = .34
Mounting Hole: D3.250
Circuit Board Mounting
Mini-WECo Patch Jack
75Ω Right Angle
CBJR12
B = .24
Long Leg Version
CBJR12A
B = .34
Mini-weco Coax circuit board jacks
Ø.347
.375
1.550
1.676
Ø.050
Ø.437
.140
TYP
Ø.0625
.280
±.002
TYP
Ø.070 TYP
±.002
.140 TYP
±.002
Circuit Board Mounting
Mini-WECo Coaxial Patch Jack
75Ω (.296 Size)
CBJ12
Circuit Board Mounting
Mini-WECo Coaxial Patch Jack
Right Angle
75Ω (.296 Size)
105-1880
Ø.347
.264
.120 TYP
Ø.032
1.930
2.190
.040 TYP
.330
.549
.040
TYP
.400
TYP
.295
Ø.129
90°
.200
.200
.400
.038
Ø.060 TYP
1.76
1.46
B
TYP
.600
TYP
.058
TYP
.050
DIA
.120 TYP
.156 TYP
.030
TYP
.397
TYP
.200
.400
.0625 DIA
.070 DIA TYP
.1985
.500-28UNEF-2A
.562 HEX NUT
.649 ACROSS
POINTS
.046
.397
TYP
.040 TYP
.593 DIA
.44 DIA
MODEL
LTR
B
NO.
CODE DIM
CBBJR12
-
.24
CBBJR12A
A
.34
.773
1.76
1.46
B
.600
TYP
.058
TYP
.050
DIA
.120 TYP
.156
TYP
.030
TYP
.397
TYP
.200
.400
.0625 DIA
.070 DIA TYP
.1985
.397
TYP
.040 TYP
.44 DIA
MODEL
LTR
B
NO.
CODE DIM
CBJR12
-
.24
CBJR12A
A
.34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com