Electronic Components Datasheet Search
  English  ▼

X  

SA5205 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SA5205
Description  Wide-band high-frequency amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5205 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SA5205 Datasheet HTML 5Page - NXP Semiconductors SA5205 Datasheet HTML 6Page - NXP Semiconductors SA5205 Datasheet HTML 7Page - NXP Semiconductors SA5205 Datasheet HTML 8Page - NXP Semiconductors SA5205 Datasheet HTML 9Page - NXP Semiconductors SA5205 Datasheet HTML 10Page - NXP Semiconductors SA5205 Datasheet HTML 11Page - NXP Semiconductors SA5205 Datasheet HTML 12Page - NXP Semiconductors SA5205 Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Philips Semiconductors
Product specification
SA5205A
Wide-band high-frequency amplifier
1997 Nov 07
11
6
a. Input VSWR vs Frequency
b. Output VSWR vs Frequency
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
FREQUENCY—MHz
TA = 25
oC
VCC = 6V
ZO = 75Ω
ZO = 50Ω
.
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
FREQUENCY—MHz
Tamb = 25
oC
VCC = 6V
ZO = 75Ω
ZO = 50Ω
2.0
8
1012
4
1022
4
6 8 1036 8
1012
4
1022
4
6 8 103
SR00235
Figure 21. Input/Output VSWR vs Frequency
ADDITIONAL READING ON SCATTERING
PARAMETERS
For more information regarding S-parameters, please refer to
High-Frequency Amplifiers by Ralph S. Carson of the University of
Missouri, Rolla, Copyright 1985; published by John Wiley & Sons,
Inc.
“S-Parameter Techniques for Faster, More Accurate Network Design”,
HP App Note 95-1, Richard W. Anderson, 1967, HP Journal.
“S-Parameter Design”, HP App Note 154, 1972.
-60
-50
-40
-30
-20
-10
0
+10
+20
+30
+40
+30
+20
+10
0
-10
-20
-30
-40
2ND ORDER
INTERCEPT
POINT
2ND ORDER
RESPONSE
3RD ORDER
RESPONSE
INPUT LEVEL dBm
THIRD ORDER
INTERCEPT POINT
1dB
COMPRESSION POINT
FUNDAMENTAL
RESPONSE
SR00236
Figure 22.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com