Electronic Components Datasheet Search
  English  ▼

X  

SA5214 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SA5214
Description  Postamplifier with link status indicator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5214 Datasheet(HTML) 2 Page - NXP Semiconductors

  SA5214 Datasheet HTML 1Page - NXP Semiconductors SA5214 Datasheet HTML 2Page - NXP Semiconductors SA5214 Datasheet HTML 3Page - NXP Semiconductors SA5214 Datasheet HTML 4Page - NXP Semiconductors SA5214 Datasheet HTML 5Page - NXP Semiconductors SA5214 Datasheet HTML 6Page - NXP Semiconductors SA5214 Datasheet HTML 7Page - NXP Semiconductors SA5214 Datasheet HTML 8Page - NXP Semiconductors SA5214 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
SA5214
Postamplifier with link status indicator
2
1998 Oct 07
853-1657 20142
DESCRIPTION
The SA5214 is a 75MHz postamplifier system designed to accept
low level high-speed signals. These signals are converted into a
TTL level at the output. The SA5214 can be DC coupled with the
previous transimpedance stage using SA5210, SA5211 or SA5212
transimpedance amplifiers. This “system on a chip” features an
auto-zeroed first stage with noise shaping, a symmetrical limiting
second stage, and a matched rise/fall time TTL output buffer. The
system is user-configurable to provide noise filtering, adjustable
input thresholds and hysteresis. The threshold capability allows the
user to maximize signal-to-noise ratio, insuring a low Bit Error Rate
(BER). An Auto-Zero loop can be used to minimize the number of
external coupling capacitors to one. A signal absent flag indicates
when signals are below threshold. Additionally, the low signal
condition forces the overall TTL output to a logical Low level. User
interaction with this “jamming” system is available. The SA5214 is
packaged in a standard 20-pin surface-mount package and typically
consumes 42mA from a standard 5V supply. The SA5214 is
designed as a companion to the SA5211/5212 transimpedance
amplifiers. These differential preamplifiers may be directly coupled
to the post-amplifier inputs. The SA5212/5214 or SA5211/5214
combinations convert nanoamps of photodetector current into
standard digital TTL levels.
APPLICATIONS
• Fiber optics
• Communication links in Industrial and/or Telecom environment
with high EMI/RFI
• Local Area Networks (LAN)
• Metropolitan Area Networks (MAN)
• Synchronous Optical Networks (SONET)
• RF limiter
PIN CONFIGURATION
GNDA
GNDD
THRESH
IN1B
JAM
VCCD
VCCA
RPKDET
RHYST
OUT1A
D1 Package
TOP VIEW
1
2
3
4
5
6
7
8
9
10
11
12
13
14
20
19
18
17
16
15
VOUT
FLAG
LED
CPKDET
IN1A
CAZP
CAZN
OUT1B
IN2B
IN2A
NOTE:
1. SOL – Released in large SO package only.
SD00349
Figure 1. Pin Configuration
FEATURES
• Postamp for the SA5211/5212 preamplifier family
• Wideband operation: typical 75MHz (100MBaud NRZ)
• Interstage filtering/equalization possible
• Single 5V supply
• Low signal flag
• Low signal output disable
• Link status threshold and hysteresis programmable
• LED driver (normally ON with above threshold signal)
• Fully differential for excellent PSRR
• Auto-zero loop for DC offset cancellation
• 2kV ElectroStatic Discharge (ESD) protection
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
20-Pin Plastic Small Outline Large (SOL) Package
-40
°C to +85°C
SA5214D
SOT163-1
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNIT
VCCA
Power supply
+6
V
VCCD
Power supply
+6
V
TA
Operating ambient temperature range
-40 to +85
°C
TJ
Operating junction temperature range
-55 to +150
°C
TSTG
Storage temperature range
-65 to +150
°C
PD
Power dissipation
300
mW
VIJ
Jam input voltage
-0.5 to 5.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com