Electronic Components Datasheet Search
  English  ▼

X  

SA5214 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SA5214
Description  Postamplifier with link status indicator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5214 Datasheet(HTML) 4 Page - NXP Semiconductors

  SA5214 Datasheet HTML 1Page - NXP Semiconductors SA5214 Datasheet HTML 2Page - NXP Semiconductors SA5214 Datasheet HTML 3Page - NXP Semiconductors SA5214 Datasheet HTML 4Page - NXP Semiconductors SA5214 Datasheet HTML 5Page - NXP Semiconductors SA5214 Datasheet HTML 6Page - NXP Semiconductors SA5214 Datasheet HTML 7Page - NXP Semiconductors SA5214 Datasheet HTML 8Page - NXP Semiconductors SA5214 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Philips Semiconductors
Product specification
SA5214
Postamplifier with link status indicator
1998 Oct 07
4
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
RATING
UNIT
VCCA
Supply voltage
4.75 to 5.25
V
VCCD
Power supply
4.75 to 5.25
V
TA
Ambient temperature range
-40 to +85
°C
TJ
Operating junction temperature range
-40 to +110
°C
PD
Power dissipation
250
mW
DC ELECTRICAL CHARACTERISTICS
Min and Max limits apply over the operating temperature range at VCCA=VCCD=+5.0V unless otherwise specified. Typical data applies at
VCCA=VCCD=+5.0V and TA=25°C.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
Min
Typ
Max
UNIT
ICCA
Analog supply current
30
41.2
mA
ICCD
Digital supply current
(TTL, Flag, LED)
10
13.5
mA
VI1
A1 input bias voltage
(+/- inputs)
3.08
3.4
3.70
V
VO1
A1 output bias voltage
(+/- outputs)
3.10
3.8
4.50
V
AV1
A1 DC gain
(without Auto-Zero)
30
dB
A1PSRR
A1 PSRR (vCCA, VCCD)
VCCA=VCCD=4.75 to 5.25V
60
dB
A1CMRR
A1 CMRR
∆VCM=200mV
60
dB
VI2
A2 input bias voltage
(+/- inputs)
3.56
3.7
3.86
V
VOH
High-level TTL output voltage
IOH=-200µA
2.4
3.4
V
VOL
Low-level TTL output voltage
IOL=8mA
0.3
0.4
V
IOH
High-level TTL output current
VOUT=2.4V
-40
-24.4
mA
IOL
Low-level TTL output current
VOUT=0.4V
7.0
30
mA
IOS
Short-circuit TTL output current
VOUT=0.0V
-95
mA
VTHRESH
Threshold bias voltage
Pin 3 Open
0.75
V
VRPKDET
RPKDET
Pin 11 Open
0.72
V
VRHYST
RHYST bias voltage
Pin 12 Open
0.72
V
VIHJ
High-level jam input voltage
2.0
V
VILJ
Low-level jam input voltage
0.8
V
IIHJ
High-level jam input current
VIJ=2.7V
30
µA
IILJ
Low-level jam input current
VIJ=0.4V
-485
-240
µA
VOHF
High-level flag output voltage
IOH=-80µA
2.4
3.8
V
VOLF
Low-level flag output voltage
IOL=3.2mA
0.33
0.4
V
IOHF
High-level flag output current
VOUT=2.4V
-18
-5
mA
IOLF
Low-level flag output current
VOUT=0.4V
3.25
10
mA
ISCF
Short-circuit flag output current
VOUT=0.0V
-61
-40
-26
mA
ILEDH
LED ON maximum sink current
VLED=3.0V
8
22
80
mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com