Electronic Components Datasheet Search
  English  ▼

X  

SA5219 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SA5219
Description  Wideband variable gain amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5219 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SA5219 Datasheet HTML 3Page - NXP Semiconductors SA5219 Datasheet HTML 4Page - NXP Semiconductors SA5219 Datasheet HTML 5Page - NXP Semiconductors SA5219 Datasheet HTML 6Page - NXP Semiconductors SA5219 Datasheet HTML 7Page - NXP Semiconductors SA5219 Datasheet HTML 8Page - NXP Semiconductors SA5219 Datasheet HTML 9Page - NXP Semiconductors SA5219 Datasheet HTML 10Page - NXP Semiconductors SA5219 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Philips Semiconductors
Product specification
SA5219
Wideband variable gain amplifier
1997 Nov 07
7
This circuit will exhibit approximate-
ly an 8dB noise figure and 25dB gain.
50
Ω
50
Ω
50
Ω
+5V
+1V
4:1 TURNS RATIO
LC TUNED
TRANSFORMER
SOURCE
OUTPUT
5219
VAGC
SR00280
Figure 8. Narrowband Gain Optimization
The noise figure of this configuration
will be approximately 15dB.
50
Ω
50
Ω
50
Ω
+5V
+1V
SOURCE
OUTPUT
5219
50
Ω
VAGC
SR00281
Figure 9. Simple Amplifier Configuration
With the 50
Ω source left untermi-
nated, the noise figure is 9dB.
50
Ω
50
Ω
50
Ω
+5V
+1V
SOURCE
OUTPUT
5219
VAGC
SR00282
Figure 10. Unterminated Configuration
50
Ω
50
Ω
50
Ω
+5V
SOURCE
OUTPUT
5219
Gain = 19dB + 20log10 VAGC
and is in units of Volts, for VAGC ≤ 1V
where VAGC =
R
2
R
1 ) R2
V
BG
VBG
VAGC
R1
R2
SR00283
Figure 11. User-Programmable Fixed Gain Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com