Electronic Components Datasheet Search
  English  ▼

X  

SA5219 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SA5219
Description  Wideband variable gain amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5219 Datasheet(HTML) 3 Page - NXP Semiconductors

  SA5219 Datasheet HTML 1Page - NXP Semiconductors SA5219 Datasheet HTML 2Page - NXP Semiconductors SA5219 Datasheet HTML 3Page - NXP Semiconductors SA5219 Datasheet HTML 4Page - NXP Semiconductors SA5219 Datasheet HTML 5Page - NXP Semiconductors SA5219 Datasheet HTML 6Page - NXP Semiconductors SA5219 Datasheet HTML 7Page - NXP Semiconductors SA5219 Datasheet HTML 8Page - NXP Semiconductors SA5219 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Philips Semiconductors
Product specification
SA5219
Wideband variable gain amplifier
1997 Nov 07
3
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNITS
VCC
Supply voltage
-0.5 to +8.0
V
PD
Power dissipation, TA = 25oC (still air)1
16-Pin Plastic DIP
16-Pin Plastic SO
1450
1100
mW
mW
TJMAX
Maximum operating junction temperature
150
°C
TSTG
Storage temperature range
-65 to +150
°C
NOTES:
1. Maximum dissipation is determined by the operating ambient temperature and the thermal resistance,
θJA:
16-Pin DIP:
θJA = 85°C/W
16-Pin SO:
θJA = 110°C/W
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
RATING
UNITS
VCC
Supply voltage
VCC1 = VCC2 = 4.5 to 7.0V
V
TA
Operating ambient temperature range
SA Grade
-40 to +85
°C
TJ
Operating junction temperature range
SA Grade
-40 to +105
°C
DC ELECTRICAL CHARACTERISTICS
TA = 25oC, VCC1 = VCC2 = +5V, VAGC = 1.0V, unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ICC
Supply current
DC tested
36
43
50
mA
AV
Voltage gain (single-ended in/single-ended out)
DC tested, RL = 10kΩ
16
19
22
dB
AV
Voltage gain (single-ended in/differential out)
DC tested, RL = 10kΩ
22
25
28
dB
RIN
Input resistance (single-ended)
DC tested at
±50µA
0.8
1.2
1.6
k
Ω
ROUT
Output resistance (single-ended)
DC tested at
±1mA
35
60
80
Ω
VOS
Output offset voltage (output referred)
+20
±150
mV
VIN
DC level on inputs
1.6
2.0
2.4
V
VOUT
DC level on outputs
1.9
2.4
2.9
V
PSRR
Output offset supply rejection ratio
18
45
dB
VBG
Bandgap reference voltage
4.5V<VCC<7V
RBG = 10kΩ
1.2
1.32
1.45
V
RBG
Bandgap loading
2
10
k
Ω
VAGC
AGC DC control voltage range
0-1.3
V
IBAGC
AGC pin DC bias current
0V<VAGC<1.3V
-0.7
-6
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com