Electronic Components Datasheet Search
  English  ▼

X  

EV0045 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # EV0045
Description  Compact 25W Class D Stereo Bridged Audio Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EV0045 Datasheet(HTML) 4 Page - Monolithic Power Systems

  EV0045 Datasheet HTML 1Page - Monolithic Power Systems EV0045 Datasheet HTML 2Page - Monolithic Power Systems EV0045 Datasheet HTML 3Page - Monolithic Power Systems EV0045 Datasheet HTML 4Page - Monolithic Power Systems EV0045 Datasheet HTML 5Page - Monolithic Power Systems EV0045 Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
EV0045 (MP7731) COMPACT 25W CLASS D STEREO BRIDGED AUDIO AMPLIFIER
PRELIMINARY INFORMATION
06/04, Rev. 1.3
www.MonolithicPower.com
4
Table 1: EV0045 Stereo Full Bridge Bill of Materials (continued)
Item
Qty
Ref
Des
Value
Description
Package
Manufacturer
Manufacturer
Part Number
Distributor
Part Number
11
6
C7
0.47uF
Ceramic Capacitor,
100V, X7R
SM1210
Panasonic
ECJ-4YB2A474K
PCC2240CT-ND
C12
C22
C27
C29
C30
12
1
C31
10uF
Ceramic Capacitor,
16V, X5R
SM1206
Panasonic
ECJ-3YB1C106M PCC2227CT-ND
13
4
C32
390pF
Ceramic Capacitor,
50V, X7R
SM0603
Panasonic
ECU-V1H391KBV PCC391BVCT-ND
C33
C34
C35
14
2
U1
Class D Amplifier
TSSOP-20
MPS
MP7731
U2
15
4
L1
10uH
Inductor/2.6A/0.035
Ohm/8RDY
Radial
Toko
A7040HN-100M
L2
L3
L4
16
4
R2
20k
Ohm
Film Resistor, 5%
SM0805
Panasonic
ERJ-6GEYJ203V
P20KACT-ND
R7
R12
R15
17
2
R3
10k
Ohm
Film Resistor, 1%
SM0603
Panasonic
ERJ-3EKF1002V
P10.0KHCT-ND
R13
18
4
R18
10 Ohm
R19
Film Resistor, 5%
SM0603
Panasonic
ERJ-3GEYJ100V
P10GCT-ND
R20
R21
19
5
R5
100k
Ohm
Film Resistor, 1%
SM0603
Panasonic
ERJ-3EKF1003V
P100KHCT-ND
R6
R9
R11
R17
20
4
R1
169k
Ohm
Film Resistor, 1%
SM0603
Panasonic
ERJ-3EKF1693V
P169KHCT-ND
R8
R10
R16
Distributor: Digikey



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com