Electronic Components Datasheet Search
  English  ▼

X  

EV0045 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # EV0045
Description  Compact 25W Class D Stereo Bridged Audio Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EV0045 Datasheet(HTML) 5 Page - Monolithic Power Systems

  EV0045 Datasheet HTML 1Page - Monolithic Power Systems EV0045 Datasheet HTML 2Page - Monolithic Power Systems EV0045 Datasheet HTML 3Page - Monolithic Power Systems EV0045 Datasheet HTML 4Page - Monolithic Power Systems EV0045 Datasheet HTML 5Page - Monolithic Power Systems EV0045 Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
EV0045 (MP7731) COMPACT 25W CLASS D STEREO BRIDGED AUDIO AMPLIFIER
PRELIMINARY INFORMATION
06/04, Rev. 1.3
www.MonolithicPower.com
5
Table 1: EV0045 Stereo Full Bridge Bill of Materials (continued)
Item
Qty
Ref
Des
Value
Description
Package
Manufacturer
Manufacturer
Part Number
Distributor
Part Number
21
2
R4
174k
Ohm
Film Resistor, 1%
SM0603
Panasonic
ERJ-3EKF1743V
P174KHCT-ND
R14
22
10
TP1-
TP10
Test Point Square
Header
Sullins
PTC36SAAN
S1012-36-ND
Distributor: Digikey
EVALUATION BOARD OPERATION
Figure 2: Board Connections
Power Requirements
1. Power supply: 12V
2. 0 -1VRMS (max) audio signal source.
3. Speaker: 4Ω or 8Ω:
Setup Condition for 12V Operation
1. Connect speaker outputs to OUT1+, OUT-,
OUT2+, OUT2- respectively.
2. Connect the audio inputs to IN1, GND, IN2
respectively.
3. Adjust the power supply to 12V, (do not turn
on)
4. Connect the power supply to the VCC, GND
terminals
5. Apply power to the board
6. Audio should be heard from the speaker(s)
IN1
GND
IN2
OUT1+ OUT1-
OUT2+ OUT2-
VCC
GND
EN
GND



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com