Electronic Components Datasheet Search
  English  ▼

X  

100000041 Datasheet(PDF) 1 Page - Turck, Inc.

Part # 100000041
Description  CODESYS 3 Programmable Gateway for the BL67 I/O System Multiprotocol Ethernet Gateway for PROFINET, EtherNet/IP and Modbus TCP with WebVisu License
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

100000041 Datasheet(HTML) 1 Page - Turck, Inc.

  100000041 Datasheet HTML 1Page - Turck, Inc. 100000041 Datasheet HTML 2Page - Turck, Inc. 100000041 Datasheet HTML 3Page - Turck, Inc. 100000041 Datasheet HTML 4Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Hans Turck GmbH & Co.KG ñ D-45472 Mülheim an der Ruhr ñ Witzlebenstraße 7 ñ Tel. 0208 4952-0 ñ Fax 0208 4952-264 ñ more@turck.com ñ www.turck.com1 / 4
CODESYS 3 Programmable Gateway for the BL67 I/O System
Multiprotocol Ethernet Gateway for PROFINET, EtherNet/IP and
Modbus TCP with WebVisu License
BL67-PG-EN-V3-WV
Type
BL67-PG-EN-V3-WV
ID
100000041
Supply voltage
24 VDC
System power supply
24 VDC/5 VDC
Field supply
24 VDC
Admissible range
18…30 VDC
Nominal current from module bus
ð
100 mA
Max. sensor supply I
sens
4 A Short circuit fuse
max. load current I
o
10 A
Max. field supply current
10 A
Max. system supply current
1.2 A
Voltage supply connection
5-pin male 7/8" connector
Fieldbus transmission rate
10/100 Mbps, Full/Half Duplex, Auto Negotiation,
Auto Crossing
Fieldbus addressing
Rotary switch, PGM, DHCP
Fieldbus connection technology
2 x M12, 4-pin, D-coded
PLC data
Programming
CODESYS V3
Released for CODESYS version
V 3.5.8.10
Programming languages
IEC 61131-3 (IL, LD, FBD, SFC, ST)
Application tasks
5
Programming interface
Ethernet, USB
Processor
ARM, 32 Bit
Cycle time
< 1 ms for 1000 IL commands (without I/O cycle)
Real time clock
yes
Program memory
1024 kByte
Data memory
512 kByte
Input data
4 kByte
Output data
4 kByte
Non-volatile memory
16 kByte
Web server
192.168.1.254 (Default)
Service interface
Ethernet, mini USB
■ CODESYS V3 PLC Runtime
■ CODESYS WebVisu license
■ CODESYS OPC UA server/client
■ IIoT gateway for Turck Cloud
■ PROFINET device
■ EtherNet/IP device
■ Modbus TCP master/slave
■ Protection class IP67
■ LEDs for display of PLC status, supply
voltage, group and bus faults
■ 2 × M12 Ethernet, 4-pin, D-coded
■ Switched or dual MAC mode
■ 10 Mbps/100 Mbps
■ 7/8″ male connector for power supply, 5-
pin
Functional principle
The programmable BL67 gateways can be
used as autonomous PLCs or as decentral
PLCs in a network interconnection for fast pre-
processing of signals.
BL67 gateways are the head component of
a BL67 station. The BL67 extension modules
communicate via the internal module bus with
the gateway and can be configured indepen-
dently of the fieldbus protocol.


Similar Part No. - 100000041

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
100000042 TURCK-100000042 Datasheet
107Kb / 4P
Pressure Transmitter – Ratiometric Output (3-Wire)
11/08/2023
More results

Similar Description - 100000041

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G38910052230 ETC2-G38910052230 Datasheet
131Kb / 5P
Ethernet Modbus/TCP Gateway
logo
Red Lion Controls. Inc
ET-GT-ST-3 REDLION-ET-GT-ST-3 Datasheet
876Kb / 2P
Ethernet I/O Gateway
logo
PHOENIX CONTACT
2702233 PHOENIX-2702233 Datasheet
63Kb / 4P
Modular gateway Ethernet head station with Modbus TCP, PROFINET, HART IP, FDT/DTM. Supports five expansion modules.
logo
Weidmuller
2682600000 WEIDMULLER-2682600000 Datasheet
150Kb / 4P
Serial/Ethernet converter and Modbus TCP/RTU gateway,
November 4, 2021
logo
Advantech Co., Ltd.
EKI-1242EIMS ADVANTECH-EKI-1242EIMS Datasheet
257Kb / 2P
Modbus RTU/TCP to Ethernet/IP Fieldbus Gateway
17-Jan-2019
EKI-1242PNMS ADVANTECH-EKI-1242PNMS Datasheet
255Kb / 2P
Modbus RTU/TCP to PROFINET Fieldbus Gateway
26-Sep-2018
logo
NHP Electrical Engineer...
PLX31-EIP-MBS NHP-PLX31-EIP-MBS Datasheet
590Kb / 1P
PROSOFT GATEWAY ETHERNET/IP TO SERIAL MODBUS
12 May 2023,
PLX31-EIP-MBTCP NHP-PLX31-EIP-MBTCP Datasheet
597Kb / 1P
PROSOFT GATEWAY ETHERNET/IP TO MODBUS TCP GATEWAY
12 May 2023,
PLX32-EIP-MBTCP NHP-PLX32-EIP-MBTCP Datasheet
328Kb / 1P
PROSOFT GATEWAY ETHERNET IP TO MODBUS TCP DUAL SUBNETS
24 June 2023,
PLX32-EIP-PND NHP-PLX32-EIP-PND Datasheet
327Kb / 1P
PROSOFT GATEWAY ETHERNET/IP TO PROFINET DUAL SUBNETS
12 May 2023,
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com