Electronic Components Datasheet Search
  English  ▼

X  

100000041 Datasheet(PDF) 3 Page - Turck, Inc.

Part # 100000041
Description  CODESYS 3 Programmable Gateway for the BL67 I/O System Multiprotocol Ethernet Gateway for PROFINET, EtherNet/IP and Modbus TCP with WebVisu License
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

100000041 Datasheet(HTML) 3 Page - Turck, Inc.

  100000041 Datasheet HTML 1Page - Turck, Inc. 100000041 Datasheet HTML 2Page - Turck, Inc. 100000041 Datasheet HTML 3Page - Turck, Inc. 100000041 Datasheet HTML 4Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Hans Turck GmbH & Co.KG ñ D-45472 Mülheim an der Ruhr ñ Witzlebenstraße 7 ñ Tel. 0208 4952-0 ñ Fax 0208 4952-264 ñ more@turck.com ñ www.turck.com3 / 4
Ethernet
The M12 D-coded Ethernet ports are used as interface for con-
figuration, programming, and fieldbus communication. The gate-
way can be operated as a master or slave on a PROFINET, Ether-
Net/IP™ or Modbus TCP network.
Ethernet Cordset (Example):
M12-M12:
RSSD RSSD 441-2M
Ident no. U-02482
M12-RJ45:
RSSD RJ45S 441-2M
Ident. no. U3-00525
Pin Assignment
Power Supply
The BL67 system is supplied via two 24VDC voltage groups.
System supply V
i
V
I
supplies power to the sensor supply (V
sens
) and the internal sys-
tem supply, which includes Ethernet communication and the back-
plane bus that communicates with any connected I/O modules.
Field supply V
o
V
O
supplies power to the outputs of any connected I/O modules.
Power Cordset (Example):
7/8"-7/8":
RSM RKM 50-2M
Ident. no. U2282-0
7/8" single-ended:
RKM 50-2M
Ident. no. U2056
Pin Assignment
Power Supply
USB Host Port
Storage media can be connected to the USB host port, please ob-
serve the instructions in the user manual.
Pin Assignment
USB Device Port
The USB device port can be used as a programming and service
interface.
Pin Assignment



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com