Electronic Components Datasheet Search
  English  ▼

X  

MP1517DR Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP1517DR
Description  3A, 25V, 1.1MHz Step-Up Converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1517DR Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP1517DR Datasheet HTML 1Page - Monolithic Power Systems MP1517DR Datasheet HTML 2Page - Monolithic Power Systems MP1517DR Datasheet HTML 3Page - Monolithic Power Systems MP1517DR Datasheet HTML 4Page - Monolithic Power Systems MP1517DR Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
EV1517DR-00A – 3A, 25V, 1.1MHz STEP-UP CONVERTER
EVALUATION BOARD
NOTICE:
The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
EV1517DR-00A Rev. 1.0
www.MonolithicPower.com
5
6/8/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
TM
QUICK START GUIDE
The output voltage of this board is set to 12V. The board layout accommodates most commonly used
inductors and output capacitors.
1. Preset Power Supply to 2.6V
≤ VIN ≤ 6V.
2. Turn Power Supply off.
3. Connect Power Supply terminals to:
Positive (+): VIN, EN
Negative (–): GND
4. Connect Load to:
Positive (+): VOUT
Negative (–): GND
5. Turn Power Supply on after making connections.
6. The MP1517 is enabled on the evaluation board once VIN is applied. To disable the MP1517,
disconnect EN from VIN.
7. The output voltage VOUT can be changed by varying R1. Calculate the new value using the
formula:
2
R
1
V
V
1
R
FB
OUT
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
=
Where VFB = 0.7V and R2 = 10kΩ
For example, for VOUT = 15V
Ω
=
Ω
×
⎟
⎠
⎞
⎜
⎝
⎛
−
=
k
3
.
204
k
10
1
V
7
.
0
V
15
1
R
Therefore use a 205kΩ standard 1% value resistor.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com