Electronic Components Datasheet Search
  English  ▼

X  

MP1517DR Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP1517DR
Description  3A, 25V, 1.1MHz Step-Up Converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1517DR Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP1517DR Datasheet HTML 1Page - Monolithic Power Systems MP1517DR Datasheet HTML 2Page - Monolithic Power Systems MP1517DR Datasheet HTML 3Page - Monolithic Power Systems MP1517DR Datasheet HTML 4Page - Monolithic Power Systems MP1517DR Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
EV1517DR-00A
3A, 25V, 1.1MHz
Step-Up Converter
EVALUATION BOARD
EV1517DR-00A Rev. 1.0
www.MonolithicPower.com
1
6/8/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
The Future of Analog IC Technology
TM
TM
GENERAL DESCRIPTION
The EV1517DR-00A is the evaluation board for
the MP1517, a 3A, fixed frequency step-up
converter ideal for medium-to-high current
step-up
applications.
The
high
1.1MHz
switching frequency allows for smaller external
components producing a compact solution for
size constrained cameras, PDAs and cell
phones. The low 0.7V feedback voltage offers
higher
efficiency
in
white
LED
driver
applications including cell phone camera flash.
The MP1517 regulates the output voltage up to
25V with efficiencies greater than 90%.
Soft-start, cycle-by-cycle current limiting, and
input
under
voltage
lockout
prevent
overstressing or damage to sensitive external
circuitry at startup and output short-circuit
conditions.
Current-mode
regulation
and
external compensation components allow the
MP1517 control loop to be optimized over a
wide variety of input voltage, output voltage,
and load current conditions. The MP1517 is
available in the thermally enhanced QFN16
(4mm x 4mm) package.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Input Voltage
VIN
5
V
Output Voltage
VOUT
12
V
Output Current
IOUT
1
A
FEATURES
• 4A Peak Current Limit
• Low 700mV Feedback Threshold
• Internal 150mΩ Power Switch
• Input Range of 2.6V to 25V
• Over 90% Efficiency
• Zero Current Shutdown Mode
• Under Voltage Lockout Protection
• Open Load Protection
• Soft-Start Operation
• Thermal Shutdown
• Tiny 4mm x 4mm 16-Pin QFN Package
APPLICATIONS
• Boost and SEPIC Regulators
• Handheld Computers
• Cell Phone Camera Flash, PDAs
• Digital Still and Video Cameras
“MPS” and “The Future of Analog IC Technology”, are Trademarks of Monolithic
Power Systems, Inc.
EV1517DR-00A EVALUATION BOARD
Dimensions (2.0”X x 2.0”Y x 0.4”Z)
Board Number
MPS IC Number
EV1517DR-00A
MP1517DR
100
95
90
85
80
75
70
65
60
55
50
LOAD CURRENT (mA)
MP1517-EC01
Efficiency vs
Load Current
1
10
100
1000
VIN = 5V
VOUT = 12V
VOUT = 18V


Similar Part No. - MP1517DR

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1517DR MPS-MP1517DR Datasheet
198Kb / 3P
3A, 25V, 1.1MHz Step-Up Converter for WLED Applications
MP1517DR MPS-MP1517DR Datasheet
180Kb / 4P
3.3V, 1A Sepic Evaluation Board
MP1517DR MPS-MP1517DR Datasheet
316Kb / 13P
3A, 25V, 1.1MHz Step-Up Converter
More results

Similar Description - MP1517DR

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV0043 MPS-EV0043 Datasheet
198Kb / 3P
3A, 25V, 1.1MHz Step-Up Converter for WLED Applications
MP1517 MPS-MP1517 Datasheet
316Kb / 13P
3A, 25V, 1.1MHz Step-Up Converter
MP1522 MPS-MP1522 Datasheet
202Kb / 7P
25V Step-Up Converter in a SOT23-5 Package
MP1522 MPS-MP1522_06 Datasheet
174Kb / 6P
25V Step-Up Converter in a SOT23-5 Package
MP28262 MPS-MP28262 Datasheet
331Kb / 14P
2A, 21V, 1.1MHz Synchronous Step-down Converter
MP28265 MPS-MP28265 Datasheet
373Kb / 14P
21V, 5A, 1.1MHz Synchronous Step-down Converter
MP28275 MPS-MP28275 Datasheet
407Kb / 14P
7V, 5A, 1.1MHz Synchronous Step-down Converter
logo
Richtek Technology Corp...
RT8509 RICHTEK-RT8509 Datasheet
226Kb / 9P
3A, 14V Step-Up DC/DC Converter
logo
Microsemi Corporation
LX7169 MICROSEMI-LX7169 Datasheet
511Kb / 9P
3A Step-Down Converter
Rev. 1.1
logo
Richtek Technology Corp...
RTQ9297-QT RICHTEK-RTQ9297-QT Datasheet
241Kb / 13P
3A High Performance Step-Up DC-DC Converter
August 2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com