Electronic Components Datasheet Search
  English  ▼

X  

MP1593 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP1593
Description  4.75V to 28V Input, Up to 3A Output Step-Down DC/DC Converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1593 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP1593 Datasheet HTML 1Page - Monolithic Power Systems MP1593 Datasheet HTML 2Page - Monolithic Power Systems MP1593 Datasheet HTML 3Page - Monolithic Power Systems MP1593 Datasheet HTML 4Page - Monolithic Power Systems MP1593 Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
EV1593DN-00A – 4.75V-28V INPUT, UP TO 3A OUTPUT STEP-DOWN CONVERTER
EVALUATION BOARD - INITIAL RELEASE
08/04, Rev. 1.0
www.MonolithicPower.com
4
PRINTED CIRCUIT BOARD LAYOUT
Figure 1—Top Silk Layer
Figure 2—Top Layer
Figure 3— Bottom Layer



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com