Electronic Components Datasheet Search
  English  ▼

X  

MP1593 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP1593
Description  4.75V to 28V Input, Up to 3A Output Step-Down DC/DC Converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1593 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP1593 Datasheet HTML 1Page - Monolithic Power Systems MP1593 Datasheet HTML 2Page - Monolithic Power Systems MP1593 Datasheet HTML 3Page - Monolithic Power Systems MP1593 Datasheet HTML 4Page - Monolithic Power Systems MP1593 Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
EV1593DN-00A – 4.75V-28V INPUT, UP TO 3A OUTPUT STEP-DOWN CONVERTER
EVALUATION BOARD - INITIAL RELEASE
NOTICE:
MPS believes the information in this document to be accurate and reliable. However, it is subject to change without
notice. Contact MPS for current specifications. MPS encourages users of its products to ensure that third party Intellectual
Property rights are not infringed upon when integrating MPS products into any application. MPS cannot assume any legal
responsibility for any said applications.
EV1593DN-00A (MP1593) Rev. 1.0
Monolithic Power Systems, Inc.
5
8/4/04
983 University Avenue, Building A, Los Gatos, CA 95032 USA
© 2004 MPS, Inc.
Tel: 408-357-6600
♦ Fax: 408-357-6601 ♦ www.MonolithicPower.com
QUICK START GUIDE
1. Connect the positive terminal of the load to VOUT pins, and the negative terminal of the load to
GND pins
2. Preset the power supply output to 4.75V – 28V and turn off the power supply.
3. Connect the positive terminal of the power supply output to the VIN pin and the negative
terminal of the power supply output to the GND pin
4. Turn the power supply on. The MP1593 will automatically startup.
5. To use the Enable function, apply a digital input to EN pin. Drive EN higher than 2.5V to turn on
the regulator, drive EN less than 0.7V to turn it off.
6. An input under voltage lockout (UVLO) function can be implemented by the addition of a resistor
divider R4 and R5.
The EN threshold is 2.5V, so VIN UVLO threshold is
V
5
.
2
5
R
4
R
1
×
⎟
⎠
⎞
⎜
⎝
⎛ +
.
RECOMMENDED COMPONENTS FOR STANDARD OUTPUT VOLTAGES
The output voltage of this board is set to 3.3V.
This board is laid out to accommodate most
commonly used inductors and output capacitors
and to be programmed for most standard output
voltages. The following table lists recommended
components for some standard output voltages.
Listed compensation components (R2, C3)
values are based on the output capacitor
installed on this board. For other capacitors,
refer to the Application Information section in
the MP1593 datasheet.
Table 1—Recommended Components for Standard Output Voltages
VOUT
R1
R2
C3
L1
1.8V
4.75kΩ
3kΩ
4.7nF
4.7µH
2.5V
10.5kΩ
3.9kΩ
5.6nF
4.7-6.8µH
3.3V
16.9kΩ
5.6kΩ
8.2nF
6.8-10µH
5V
30.9kΩ
7.5kΩ
10nF
10-15µH
12V
88.7kΩ
10kΩ
3.3nF
15-22µH



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com