Electronic Components Datasheet Search
  English  ▼

X  

MP2000DJ Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2000DJ
Description  Low Input Voltage 150mA Linear Regulator Evaluation Board
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2000DJ Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2000DJ Datasheet HTML 1Page - Monolithic Power Systems MP2000DJ Datasheet HTML 2Page - Monolithic Power Systems MP2000DJ Datasheet HTML 3Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
EV2000DJ-00A – LOW INPUT VOLTAGE, 150MA LINEAR REGULATOR EV BOARD
NOTICE:
The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
EV2000DJ-00A Rev. 1.0
www.MonolithicPower.com
3
9/26/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
TM
PRINTED CIRCUIT BOARD LAYOUT
Figure 1—Top Silk Layer
Figure 2—Top Layer
QUICK START GUIDE
The output voltage of this board is set to 1.2V. The EN pin is connected to ground with a 10kΩ resistor
for automatic startup. You can connect EN to VIN to disable the MP2000.
1. Attach the positive and negative ends of the load to the VOUT and GND pins, respectively.
2. Attach the input voltage (1.35V ≤ VIN ≤ 6V) and input ground to the VIN and GND pins,
respectively.
3. The default resistor values on the board are R1=28.7kΩ and R2=20kΩ. Changing these resistor
values will change the output voltage. Use the following equation to determine resistor values
for different output voltages:
⎛ +
×
=
2
R
1
R
1
V
5
.
0
VOUT
T1 and T2 are test points for accurately measuring the input and output voltages.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com