Electronic Components Datasheet Search
  English  ▼

X  

MP2000DJ Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2000DJ
Description  Low Input Voltage 150mA Linear Regulator Evaluation Board
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2000DJ Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2000DJ Datasheet HTML 1Page - Monolithic Power Systems MP2000DJ Datasheet HTML 2Page - Monolithic Power Systems MP2000DJ Datasheet HTML 3Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
EV2000DJ-00A
Low Input Voltage 150mA
Linear Regulator Evaluation Board
EV2000DJ-00A Rev. 1.0
www.MonolithicPower.com
1
9/26/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
The Future of Analog IC Technology
TM
TM
DESCRIPTION
The EV2000DJ-00A is the evaluation board for
the MP2000DJ. The board operates from a
1.35V to 6.0V input voltage and regulates the
output voltage at 1.2V with 2% accuracy. By
adjusting the resistor divider values, the board
can regulate the output voltage from 0.5V to 5V.
It can also supply up to 150mA of load current.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Input Voltage
VIN
1.35 – 6.0
V
Output Voltage
VOUT
1.2
V
Operating
Temperature
–40 – +85
°C
FEATURES
• Excellent Load Transient Response
• Excellent Line Regulation
• 1.35V to 6V Input Voltage
• 1.2V Output Voltage
• Up to 150mA Load Current
APPLICATIONS
• 802.11 PC Cards
• Mobile Handset PLL Power
• Audio Codec Power
“MPS” and “The Future of Analog IC Technology” are Trademarks of Monolithic
Power Systems, Inc.
EV2000DJ-00A EVALUATION BOARD
(L x W H) 2.0” x 2.0” x 0.4” (5.1cm x 5.1cm x 1.1cm)
Board Number
MPS IC Number
EV2000DJ-00A
MP2000DJ


Similar Part No. - MP2000DJ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2000DJ-1.0 MPS-MP2000DJ-1.0 Datasheet
184Kb / 6P
Low Input Voltage 150mA Linear Regulator
MP2000DJ-1.0 MPS-MP2000DJ-1.0 Datasheet
232Kb / 7P
Low Input Voltage 150mA Linear Regulator
MP2000DJ-ADJ MPS-MP2000DJ-ADJ Datasheet
184Kb / 6P
Low Input Voltage 150mA Linear Regulator
MP2000DJ-ADJ MPS-MP2000DJ-ADJ Datasheet
232Kb / 7P
Low Input Voltage 150mA Linear Regulator
More results

Similar Description - MP2000DJ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV8801DJ-00A MPS-EV8801DJ-00A Datasheet
185Kb / 4P
Low Dropout 150mA Linear Regulator
MP2000 MPS-MP2000 Datasheet
184Kb / 6P
Low Input Voltage 150mA Linear Regulator
MP2000 MPS-MP2000_06 Datasheet
232Kb / 7P
Low Input Voltage 150mA Linear Regulator
MP8801 MPS-MP8801_06 Datasheet
294Kb / 7P
Low Dropout 150mA Linear Regulator
logo
Micrel Semiconductor
MIC5247 MICREL-MIC5247_06 Datasheet
323Kb / 11P
150mA Low-Voltage 關Cap Linear Regulator
logo
Seaward Electronics Inc...
SE8802 SEAWARD-SE8802 Datasheet
335Kb / 6P
150mA Low Dropout Linear Regulator
logo
Monolithic Power System...
MPQ2013BGQ-33 MPS-MPQ2013BGQ-33 Datasheet
462Kb / 8P
40V, 150mA, Low Quiescent Current Linear Regulator Evaluation Board
logo
Fitipower Integrated Te...
FP6160 FITIPOWER-FP6160 Datasheet
435Kb / 9P
150mA High Voltage Low Dropout Linear Regulator
logo
First Silicon Co., Ltd
FC6160 FS-FC6160 Datasheet
410Kb / 8P
150mA High Voltage Low Dropout Linear Regulator
logo
AiT Semiconductor Inc.
A6141 AITSEMI-A6141 Datasheet
441Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR 40V 150mA LOW CONSUMPTION LINEAR REGULATOR
REV1.2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com