Electronic Components Datasheet Search
  English  ▼

X  

MP2354 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2354
Description  4.75V to 23V IN, 2A OUT, 380KHz Step-Down DC/DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2354 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2354 Datasheet HTML 1Page - Monolithic Power Systems MP2354 Datasheet HTML 2Page - Monolithic Power Systems MP2354 Datasheet HTML 3Page - Monolithic Power Systems MP2354 Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EV2354DS-00A – 4.75V TO 23V IN, 2A OUT, 380KHz STEP-DOWN CONVERTER
EVALUATION BOARD
EV2354DS-00A Rev. 1.0
www.MonolithicPower.com
2
1/26/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
MP2354
BS
VIN
FB
SW
GND
EN
SYNC
COMP
C10
OPEN
C9
OPEN
VOUT
D1
B230A
C4
10nF
C5
3.3nF
C2
OPEN
C3
OPEN
C11
OPEN
C1
OPEN
R1
OPEN
R3
OPEN
C6
OPEN
VIN
EN
SYNC
EV2354_S01
EV2354DS-00A BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer
Manufacturer P/N
7
C1, C2,
C3, C6,
C9, C10,
C11
Do Not Stuff
1
C4
10nF
Ceramic Cap, 50V, X7R
SM0805
AVX
08055C103KAT2A
1
C5
3.3nF
Ceramic Cap, 50V, X7R
SM0805
AVX
08055C332KAT2A
1
C7
10µF
Ceramic Cap, 25V, X5R
SM1210
AVX
12103D106KAT2A
1
C8
22µF
Ceramic Cap, 16V, X5R
SM1210
AVX
1210YD226KAT2A
1
D1
Schottky Diode, 30V, 2A
SMA
Diodes Inc
B230A-13
1
L1
15µH
Inductor, 2.9A
SMD
Sumida
CDRH8D43-150
2
R1, R3
Do Not Stuff
1
R2
7.5kΩ
Film Res, 5%
SM0805
Panasonic
ERJ-6GEYJ752V
1
R4
16.9kΩ
Film Res, 1%
SM0805
Panasonic
ERJ-6ENF1692V
1
R5
10kΩ
Film Res, 1%
SM0805
Panasonic
ERJ-6ENF1002V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com