Electronic Components Datasheet Search
  English  ▼

X  

MP2354 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2354
Description  4.75V to 23V IN, 2A OUT, 380KHz Step-Down DC/DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2354 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2354 Datasheet HTML 1Page - Monolithic Power Systems MP2354 Datasheet HTML 2Page - Monolithic Power Systems MP2354 Datasheet HTML 3Page - Monolithic Power Systems MP2354 Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EV2354DS-00A
4.75V to 23V IN, 2A OUT, 380KHz
Step-Down DC/DC Converter
EVALUATION BOARD
EV2354DS-00A Rev. 1.0
www.MonolithicPower.com
1
1/26/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
Monolithic Power Systems
GENERAL DESCRIPTION
The EV2354DS-00A is the Evaluation Board for
MPS’ MP2354 Step-Down DC/DC Converter. It
features a wide supply range of 4.75V to 23V
and a continuous output current up to 2A. The
output voltage is preset to 3.3V, but can be
easily adjusted to other levels from 1.22V. A
380KHz high switching frequency allows the
use of small, low cost capacitors and inductors.
Current mode control and an integrated power
MOSFET minimize component count, board area,
and solution cost. Fault condition protection
includes cycle-by-cycle current limiting, thermal
shutdown, and under-voltage lockout. Internal
soft-start reduces the turn-on stress. The small
but thermally enhanced 8-pin SOIC package
minimizes board area and provides excellent
thermal management.
ELECTRICAL SPECIFICATION
Parameter
Symbol
Value
Units
Supply Voltage
VIN
4.75 to 23
V
Output Voltage
VOUT
3.3
V
Output Current
IOUT
0 to 2
A
FEATURES
• Up to 2A Continuous Output Current
• Wide 4.75V to 23V Operating Input Range
• Monolithic Buck with 180mΩ Internal FET
• Fixed 380KHz Frequency
• All Ceramic Input and Output Capacitors
• Programmable Soft-Start
• Programmable Input Under-Voltage Lockout
APPLICATIONS
• Distributed Power Systems
• Battery Chargers
• Pre-Regulator for Linear Regulators
“MPS” and “Monolithic Power Systems”, are Registered Trademarks of
Monolithic Power Systems, Inc.
EV2354DS-00A EVALUATION BOARD
Dimensions (2.6”X x 1.9”Y x 0.4”Z)
Board Number
MPS IC Number
EV2354DS-00A
MP2354
95
90
85
80
75
70
65
60
OUTPUT CURRENT (A)
MP2354_TAC_EC01
Efficiency vs
Output Current
0
1.0
0.5
1.5
2.0
2.5
5.0V
3.3V
2.5V


Similar Part No. - MP2354

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2354 MPS-MP2354 Datasheet
243Kb / 10P
2A, 23V, 380KHz Step-Down Converter
MP2354 MPS-MP2354 Datasheet
234Kb / 10P
2A, 23V, 380KHz Step-Down Converter
MP2354DS MPS-MP2354DS Datasheet
243Kb / 10P
2A, 23V, 380KHz Step-Down Converter
MP2354DS MPS-MP2354DS Datasheet
234Kb / 10P
2A, 23V, 380KHz Step-Down Converter
MP2354 MPS-MP2354_06 Datasheet
234Kb / 10P
2A, 23V, 380KHz Step-Down Converter
More results

Similar Description - MP2354

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV2305DS-00A MPS-EV2305DS-00A Datasheet
208Kb / 3P
4.75V to 23V IN, 2A OUT Synchronous Buck Converter
EV2351DQ-00A MPS-EV2351DQ-00A Datasheet
205Kb / 3P
4.75V to 23V Input, 1.5A Output Step-Down DC/DC Converter
EV2355DN-00A MPS-EV2355DN-00A Datasheet
190Kb / 4P
4.75V to 23V In, 3A Out Step-Down DC/DC Converter
MP2354 MPS-MP2354 Datasheet
243Kb / 10P
2A, 23V, 380KHz Step-Down Converter
MP2354 MPS-MP2354_06 Datasheet
234Kb / 10P
2A, 23V, 380KHz Step-Down Converter
logo
Feeling Technology Corp...
FP6181 FEELING-FP6181 Datasheet
410Kb / 14P
2A, 23V, 380KHz Step-Down Converter
FP6182 FEELING-FP6182 Datasheet
618Kb / 13P
2A, 23V, 380KHz Step-Down Converter
FP6185 FEELING-FP6185 Datasheet
419Kb / 14P
2A, 23V, 380KHz Step-Down Converter
logo
Fitipower Integrated Te...
FR9710 FITIPOWER-FR9710 Datasheet
959Kb / 12P
23V, 2A, 380KHz Asynchronous Step-Down DC/DC Converter
FR9723 FITIPOWER-FR9723 Datasheet
504Kb / 9P
23V, 3A, 380KHz Asynchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com