Electronic Components Datasheet Search
  English  ▼

X  

MP2355 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2355
Description  4.75V to 23V In, 3A Out Step-Down DC/DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2355 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2355 Datasheet HTML 1Page - Monolithic Power Systems MP2355 Datasheet HTML 2Page - Monolithic Power Systems MP2355 Datasheet HTML 3Page - Monolithic Power Systems MP2355 Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EV2355DN-00A – 4.75V TO 23V IN, 3A OUT STEP-DOWN CONVERTER
EVALUATION BOARD — INITIAL RELEASE
01/05, Rev. 1.0
MPS Proprietary Information. © 2005 All Rights Reserved.
2
Unauthorized Photocopy and Duplication Prohibited.
EVALUATION BOARD SCHEMATIC
MP2355
BST
VIN
FB
LX
GND
RUN
SS
COMP
C10
OPEN
C9
OPEN
VOUT
D1
B340A
C4
10nF
C5
4.7nF
C2
OPEN
C3
10nF
C11
OPEN
C1
OPEN
R1
OPEN
R3
OPEN
C6
OPEN
VIN
EN
SYNC
EV2355_S01
EV2355DN-00A BILL OF MATERIALS
Qty
Ref
Value
Description
Package Manufacturer
Manufacturer P/N
2
C3, C4
10nF
Ceramic Cap, 50V, X7R
SM0805
AVX
08055C103KAT2A
1
C7
10µF
Ceramic Cap, 25V, X5R
SM1210
AVX
12103D106KAT2A
1
C5
4.7nF
Ceramic Cap, 50V, X7R
SM0805
AVX
08055C472KAT2A
6
C1, C2,
C6, C9,
C10, C11
Do Not Stuff
1
C8
22µF
Ceramic Cap, 16V, X5R
SM1210
AVX
1210YD226KAT2A
1
D1
Schottky Diode, 40V, 3A
SMA
Diodes Inc
B340A-13
1
L1
15µH
Inductor, 3.6A
SMD
Sumida
CDRH104R
1
R4
16.9kΩ Film Res, 1%
SM0805
Panasonic
ERJ-6ENF1692V
1
R2
4.7kΩ
Film Res, 5%
SM0805
Panasonic
ERJ-6GEYJ472V
1
R5
10kΩ
Film Res, 1%
SM0805
Panasonic
ERJ-6ENF1002V
2
R1, R3
Do Not Stuff
1
U1
DC-DC Converter
SO8
MPS
MP2355DN



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com